Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VO618A Datasheet (PDF) - Vishay Siliconix

VO618A Datasheet PDF - Vishay Siliconix
Part # VO618A
Download  VO618A Download
File Size   219.67 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS, Low Input Current

VO618A Datasheet (PDF)

Go To PDF Page Download Datasheet
VO618A Datasheet PDF - Vishay Siliconix

Part # VO618A
Download  VO618A Click to download

File Size   219.67 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS, Low Input Current

VO618A Datasheet (HTML) - Vishay Siliconix


VO618A Product details

DESCRIPTION
The 110 °C rated VO618A feature a high current transfer
ratio, low coupling capacitance and high isolation voltage.
These couplers have a GaAs infrared diode emitter, which
is optically coupled to a silicon planar phototransistor
detector, and is incorporated in a plastic DIP-4 package.
The coupling devices are designed for signal transmission
between two electrically separated circuits.
The couplers are end-stackable with 2.54 mm spacing.
Creepage and clearance distances of > 8.0 mm are
achieved with option 6 and 8. This version complies with
IEC 60950 (DIN VDE 0805) for reinforced insulation up to an
operation voltage of 400 VRMS or DC. Specifications subject
to change.

FEATURES
• Operating temperature from -55 °C to +110 °C
• Good CTR linearity depending on forward current
• Isolation test voltage, 5300 VRMS
• High collector emitter voltage, VCEO = 80 V
• Low saturation voltage
• Fast switching times
• Low CTR degradation
• Temperature stable
• Low coupling capacitance
• End stackable, 0.100" (2.54 mm) spacing
• High common mode interference immunity
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

APPLICATIONS
• AC adapters
• SMPS
• PLC
• Factory automation
• Game consoles

AGENCY APPROVALS
• UL1577, file no. E52744
• cUL tested to CSA 22.2 bulletin 5A
• DIN EN 60747-5-5 (VDE 0884-5), available with option 1
• BSI IEC 60950; IEC 60065
• FIMKO EN 60065, EN 60950-1
• CQC GB8898-2001




Similar Part No. - VO618A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VO618A VISHAY-VO618A Datasheet
176Kb / 9P
Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
18-Apr-13
VO618A VISHAY-VO618A Datasheet
222Kb / 10P
Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS, Low Input Current
27-Aug-15
VO618A VISHAY-VO618A Datasheet
219Kb / 10P
Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS, Low Input Current
27-Aug-15
VO618A-2 VISHAY-VO618A-2 Datasheet
176Kb / 9P
Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
18-Apr-13
VO618A-2 VISHAY-VO618A-2 Datasheet
222Kb / 10P
Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS, Low Input Current
27-Aug-15
More results


Similar Description - VO618A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH610A VISHAY-SFH610A Datasheet
659Kb / 10P
Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
23-Mar-06
VO617A-2X017T VISHAY-VO617A-2X017T Datasheet
189Kb / 9P
Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
28-Oct-14
VO615C VISHAY-VO615C Datasheet
153Kb / 9P
Low Input Current Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
17-Sep-14
VO617C VISHAY-VO617C Datasheet
161Kb / 9P
Low Input Current Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
02-Aug-13
VO618A VISHAY-VO618A_15 Datasheet
222Kb / 10P
Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS, Low Input Current
27-Aug-15
VO615C VISHAY-VO615C_V01 Datasheet
150Kb / 9P
Low Input Current Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
17-Sep-14
VO617C VISHAY-VO617C_V01 Datasheet
158Kb / 9P
Low Input Current Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
02-Aug-13
VO615C VISHAY-VO615C_V02 Datasheet
150Kb / 9P
Low Input Current Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
17-Sep-14
VO617C VISHAY-VO617C_V02 Datasheet
159Kb / 9P
Low Input Current Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
02-Aug-13
VO618A VISHAY-VO618A_V02 Datasheet
219Kb / 10P
Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS, Low Input Current
27-Aug-15
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com