Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3041 Datasheet (PDF) - Analog Devices

LT3041 Datasheet PDF - Analog Devices
Part # LT3041
Download  LT3041 Download
File Size   2404.93 Kbytes
Page   36 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 20 V, 1 A, Ultra-Low Noise, Ultra-High PSRR Linear Regulator with VIOC Control

LT3041 Datasheet (PDF)

Go To PDF Page Download Datasheet
LT3041 Datasheet PDF - Analog Devices

Part # LT3041
Download  LT3041 Click to download

File Size   2404.93 Kbytes
Page   36 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 20 V, 1 A, Ultra-Low Noise, Ultra-High PSRR Linear Regulator with VIOC Control

LT3041 Datasheet (HTML) - Analog Devices


LT3041 Product details

GENERAL DESCRIPTION
The LT3041 is a high-performance, low-dropout linear regulator
featuring Analog Devices, Inc., ultra-low noise and ultra-high power
supply rejection ratio (PSRR) architecture for powering noise-sensitive
applications. Designed as a precision-current reference followed
by a high-performance voltage buffer, the LT3041 can be
easily paralleled to further reduce noise, increase output current,
and spread heat on the printed circuit board (PCB).
The LT3041 supplies 1 A at a typical 310 mV dropout voltage. The
operating quiescent current is nominally 4.3 mA and drops to 18
μA in shutdown. The wide output voltage range (0.2 V to 15 V)
of the LT3041 maintained by the unity-gain operation provides virtually
constant output noise, PSRR, bandwidth, and load regulation,
independent of the programmed output voltage. Additionally, the
regulator features VIOC, programmable current limit, fast start-up
capability, and programmable power good to indicate output-voltage
regulation.
Built-in protection includes reverse-battery protection, reverse-current
protection, internal current limit with foldback, and thermal limit
with hysteresis. The LT3041 is available in a thermally enhanced,
14-lead 4 mm × 3 mm, DFN package.

FEATURES
► Ultra-low output RMS noise: 1.0 μV rms (10 Hz to 100 kHz)
► Ultra-low output noise spectral density: 3 nV/√Hz at 10 kHz
► Ultra-low 1/f noise: 8 μV p-p (0.1 Hz to 10 Hz)
► Ultra-high PSRR: 80 dB at 1 MHz
► Output current: 1 A
► Wide input voltage range: 2.2 V to 20 V
► Single capacitor improves noise and PSRR
► SET pin current: 100 μA, ±0.5% initial accuracy
► VIOC pin to manage power dissipation
► Single resistor programs output voltage
► Programmable current limit
► Low-dropout voltage: 310 mV
► Output voltage range: 0.2 V to 15 V
► Programmable power good
► Fast start-up capability
► Precision enable/UVLO
► Parallelable for lower noise and higher current
► Internal current limit with foldback
► Minimum output capacitor: 2 parallel 10 μF ceramic
► Compact, low profile, 14-lead, 4 mm × 3 mm, DFN package

APPLICATIONS
► RF power supplies: phase-locked loops, voltage-controlled oscillators,
mixers, low-noise amplifiers, and power amplifiers
► Low-noise instrumentation
► High-speed and high-precision data converters
► Medical applications: imaging and diagnostics
► Postregulator for switching supplies




Similar Part No. - LT3041

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LT3041 AD-LT3041 Datasheet
1Mb / 37P
3A, Ultra-Low Noise, High PSRR, 45mV Dropout Ultra-Fast Linear Regulator
Rev 0
LT3041 AD-LT3041 Datasheet
3Mb / 45P
Dual 500mA, Positive/Negative, Ultra-Low Noise, Ultra-High PSRR Low Dropout Linear Regulator
Rev. 0
LT3041 AD-LT3041 Datasheet
1Mb / 47P
20V, 200mA, Ultra-Low Noise, Ultra-High PSRR, Linear Regulator
19-101798; Rev 0; 10/23
LT3041 AD-LT3041 Datasheet
930Kb / 38P
5.5V, 3A, Ultra-Low Noise, High PSRR, 85mV Dropout Ultra-Fast Linear Regulator
Rev. 0
LT3041 AD-LT3041 Datasheet
2Mb / 62P
5.5V, 3A Ultralow Noise, High PSRR, 45mV Dropout Linear Regulator with PMBus
Rev.0
More results


Similar Description - LT3041

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5312 ANPEC-APL5312 Datasheet
258Kb / 15P
Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL5320 ANPEC-APL5320 Datasheet
424Kb / 25P
Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
logo
Monolithic Power System...
MP20041 MPS-MP20041 Datasheet
364Kb / 11P
Dual, Ultra Low Noise, High PSRR 300mA Linear Regulator
MP20044 MPS-MP20044 Datasheet
397Kb / 11P
Dual, Ultra Low Noise, High PSRR 300mA Linear Regulator
MP20249 MPS-MP20249 Datasheet
352Kb / 12P
Dual, Ultra-Low Noise, High PSRR 200mA Linear Regulator
logo
Linear Technology
LT3045-1 LINER-LT3045-1 Datasheet
3Mb / 36P
20V, 500mA, Ultralow Noise, Ultrahigh PSRR Linear Regulator with VIOC Control
logo
Anpec Electronics Corop...
APL5320 ANPEC-APL5320_18 Datasheet
313Kb / 26P
Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
logo
Texas Instruments
TPS7A94 TI-TPS7A94 Datasheet
2Mb / 40P
TPS7A94 1-A, Ultra-Low Noise, Ultra-High PSRR, RF Voltage Regulator
SEPTEMBER 2021
TPS7A94 TI-TPS7A94_V01 Datasheet
4Mb / 62P
TPS7A94 1-A, Ultra-Low Noise, Ultra-High PSRR, Low-Dropout Regulator
REVISED MAY 2022
logo
Analog Devices
LT3046 AD-LT3046 Datasheet
1Mb / 47P
20V, 200mA, Ultra-Low Noise, Ultra-High PSRR, Linear Regulator
19-101798; Rev 0; 10/23
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com