Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3041 Datasheet (PDF) - Analog Devices

LT3041 Datasheet PDF - Analog Devices
Part # LT3041
Download  LT3041 Download
File Size   2064.39 Kbytes
Page   62 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 5.5V, 3A Ultralow Noise, High PSRR, 45mV Dropout Linear Regulator with PMBus

LT3041 Datasheet (PDF)

Go To PDF Page Download Datasheet
LT3041 Datasheet PDF - Analog Devices

Part # LT3041
Download  LT3041 Click to download

File Size   2064.39 Kbytes
Page   62 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 5.5V, 3A Ultralow Noise, High PSRR, 45mV Dropout Linear Regulator with PMBus

LT3041 Datasheet (HTML) - Analog Devices


LT3041 Product details

FEATURES
 Ultralow RMS Noise: 1.2μVRMS (10Hz to 100kHz)
 Ultralow Spot Noise: 3.5nV/√Hz at 10kHz
 Ultralow 1/f Noise: 7μVP-P (0.1Hz to 10Hz)
 High PSRR at High Frequency: 52dB at 1MHz
 Ultrafast Transient Response
 Dropout Voltage: 45mV Typical
 100μA Reference Current: ±0.5% Initial Accuracy
 Precision Current Monitor: ±3% Accuracy at 3A
 PMBus Capability Includes:
 VOUT, IOUT, VIN, VBIAS, and Temperature Reporting
 VOUT Margining
 IOUT Overcurrent and Undercurrent Warn Limits
 VOUT, VIN, and VBIAS Undervoltage and Overvoltage
Warn Limits
 Overtemperature Warn Limit
 Stable with Ceramic Output Capacitors (10μF
Minimum)
 Parallel Multiple Devices for Higher Current
 VIOC Pin to Control Upstream Switching Converter
 22-Lead (3mm × 4mm) LQFN Package
APPLICATIONS
 RF Power Supplies: PLLs, VCOs, Mixers, LNAs, PAs
 High Speed/High Precision Data Converters
 Low Noise Instrumentation
 Post-Regulator for Switching Supplies
 FPGA and DSP Power Supplies
 Medical Applications




Similar Part No. - LT3041

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LT3041 AD-LT3041 Datasheet
2Mb / 36P
20 V, 1 A, Ultra-Low Noise, Ultra-High PSRR Linear Regulator with VIOC Control
Rev. 0
LT3041 AD-LT3041 Datasheet
1Mb / 37P
3A, Ultra-Low Noise, High PSRR, 45mV Dropout Ultra-Fast Linear Regulator
Rev 0
LT3041 AD-LT3041 Datasheet
3Mb / 45P
Dual 500mA, Positive/Negative, Ultra-Low Noise, Ultra-High PSRR Low Dropout Linear Regulator
Rev. 0
LT3041 AD-LT3041 Datasheet
1Mb / 47P
20V, 200mA, Ultra-Low Noise, Ultra-High PSRR, Linear Regulator
19-101798; Rev 0; 10/23
LT3041 AD-LT3041 Datasheet
930Kb / 38P
5.5V, 3A, Ultra-Low Noise, High PSRR, 85mV Dropout Ultra-Fast Linear Regulator
Rev. 0
More results


Similar Description - LT3041

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS71202 TI-TPS71202 Datasheet
368Kb / 15P
Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator
TPS71202DRCT TI-TPS71202DRCT Datasheet
639Kb / 21P
Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator
TPS71202 TI1-TPS71202_17 Datasheet
964Kb / 21P
Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator
logo
Analog Devices
LT3093 AD-LT3093 Datasheet
4Mb / 32P
Ultralow Noise, Ultrahigh PSRR Negative Linear Regulator
LT3094 AD-LT3094 Datasheet
2Mb / 34P
Ultralow Noise, Ultrahigh PSRR Negative Linear Regulator
01/19-REV.A
ADM7155 AD-ADM7155 Datasheet
739Kb / 24P
600 mA, Ultralow Noise, High PSRR, RF Linear Regulator
8/2016-Rev. B to Rev. C
ADP7185 AD-ADP7185 Datasheet
841Kb / 19P
??00 mA, Ultralow Noise, High PSRR, Low Dropout Linear Regulator
Rev. 0
ADM7150 AD-ADM7150 Datasheet
801Kb / 24P
800 mA Ultralow Noise, High PSRR, RF Linear Regulator
Rev. 0
LT3073 AD-LT3073 Datasheet
1Mb / 37P
3A, Ultra-Low Noise, High PSRR, 45mV Dropout Ultra-Fast Linear Regulator
Rev 0
LTM4709 AD-LTM4709 Datasheet
1Mb / 26P
Triple 3A, Ultralow Noise, High PSRR, Ultrafast μModule Linear Regulator with Configurable Output Array
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com