Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHC Datasheet (PDF) - Stackpole Electronics, Inc.

RHC Datasheet PDF - Stackpole Electronics, Inc.
Part # RHC
Download  RHC Download
File Size   402.8 Kbytes
Page   7 Pages
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.
Description High Power Thick Film Chip Resistor

RHC Datasheet (PDF)

Go To PDF Page Download Datasheet
RHC Datasheet PDF - Stackpole Electronics, Inc.

Part # RHC
Download  RHC Click to download

File Size   402.8 Kbytes
Page   7 Pages
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.
Description High Power Thick Film Chip Resistor

RHC Datasheet (HTML) - Stackpole Electronics, Inc.


RHC Product details

Features:
• Handles 2W of power
• Resistances from 0.1Ω to 1MΩ
• TCR of ± 100 ppm/ºC
• 1% and 5% tolerances
• Runs significantly cooler than standard thick film 2512 chip
• RoHS compliant and halogen free
• REACH compliant




Similar Part No. - RHC

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
RHC EDI-RHC Datasheet
48Kb / 2P
HIGH VOLTAGE DIFFUSED SILICON RECTIFIERS
logo
Taiyo Yuden (U.S.A.), I...
RHC-160V100MH4 TAIYO-YUDEN-RHC-160V100MH4 Datasheet
256Kb / 2P
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS[RHC]
RHC-160V100MH4#B TAIYO-YUDEN-RHC-160V100MH4#B Datasheet
256Kb / 2P
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS[RHC]
RHC-160V101MI5 TAIYO-YUDEN-RHC-160V101MI5 Datasheet
256Kb / 2P
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS[RHC]
RHC-160V101MI5#B TAIYO-YUDEN-RHC-160V101MI5#B Datasheet
256Kb / 2P
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS[RHC]
More results


Similar Description - RHC

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
RC1608J000CS SAMSUNG-RC1608J000CS Datasheet
5Mb / 40P
THICK-FILM CHIP RESISTOR
RC1608J111CS SAMSUNG-RC1608J111CS Datasheet
5Mb / 40P
THICK-FILM CHIP RESISTOR
logo
Riedon Powertron
CLR0201 RIEDON-CLR0201_13 Datasheet
167Kb / 1P
Thick Film Chip Resistor
logo
Samsung semiconductor
RC0603J271CS SAMSUNG-RC0603J271CS Datasheet
73Kb / 2P
Thick - Film chip RESISTOR
RC1005J123CS SAMSUNG-RC1005J123CS Datasheet
5Mb / 40P
THICK-FILM CHIP RESISTOR
RC2012F2491CS SAMSUNG-RC2012F2491CS Datasheet
73Kb / 2P
Thick - Film chip RESISTOR
RP164PJ000CS SAMSUNG-RP164PJ000CS Datasheet
4Mb / 20P
THICK-FILM CHIP RESISTOR
logo
YAGEO Corporation
RC0100JR-070RL YAGEO-RC0100JR-070RL Datasheet
117Kb / 7P
Thick Film Chip Resistor
logo
Bourns Electronic Solut...
CRM-A BOURNS-CRM-A Datasheet
783Kb / 5P
High Power Thick Film Resistor
logo
Stackpole Electronics, ...
RMCP-UP SEI-RMCP-UP Datasheet
438Kb / 6P
Thick Film Ultra High Power Chip Resistor
2/21/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com