Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHC Datasheet(PDF) 4 Page - Stackpole Electronics, Inc.

Part # RHC
Description  High Power Thick Film Chip Resistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

RHC Datasheet(HTML) 4 Page - Stackpole Electronics, Inc.

  RHC Datasheet HTML 1Page - Stackpole Electronics, Inc. RHC Datasheet HTML 2Page - Stackpole Electronics, Inc. RHC Datasheet HTML 3Page - Stackpole Electronics, Inc. RHC Datasheet HTML 4Page - Stackpole Electronics, Inc. RHC Datasheet HTML 5Page - Stackpole Electronics, Inc. RHC Datasheet HTML 6Page - Stackpole Electronics, Inc. RHC Datasheet HTML 7Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Rev Date: 11/18/2020
4
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
RHC Series
High Power Thick Film Chip Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Repeated Overload:
Test condition:
Voltage (Power): 2.0, 2.25, 2.5, 2.75, 3.0, 3.25 times of rated voltage. (8W, 10.1W, 12.5W, 15.1W, 18W, 21.1W)
Applied time:
Each voltage 5 seconds.
As a reference test, the RMCF was tested with the same rated voltage and testing substrate.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com