Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMM1331-SM Datasheet (PDF) - Mimix Broadband

CMM1331-SM Datasheet PDF - Mimix Broadband
Part # CMM1331-SM
Download  CMM1331-SM Download
File Size   574.33 Kbytes
Page   3 Pages
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband
Description 12.7 to 13.5 GHz 1.5 Watt Power Amplifier

CMM1331-SM Datasheet (PDF)

Go To PDF Page Download Datasheet
CMM1331-SM Datasheet PDF - Mimix Broadband

Part # CMM1331-SM
Download  CMM1331-SM Click to download

File Size   574.33 Kbytes
Page   3 Pages
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband
Description 12.7 to 13.5 GHz 1.5 Watt Power Amplifier

CMM1331-SM Datasheet (HTML) - Mimix Broadband


CMM1331-SM Product details

Description
The CMM1331-SM is a four-stage pHEMT GaAs MMIC power amplifier that is ideally suited for transmit subsystems designed for Ku-Band VSAT applications. The CMM1331-SM provides 32.0 dB linear gain and delivers 1.5 watts of output power at saturation operating from 12.70 to 13.50 GHz frequency.

Features
❏ 32.0 dBm (Typ.) Saturated Output Power
❏ 32.0 dB (Typ.) Linear Gain
❏ Fully Matched
❏ Unconditionally Stable
❏ Low-Cost Surface Mount Package
❏ Optimum Thermal Dissipation

Applications
❏ Ku-Band VSAT Transmit Subsystems




Similar Part No. - CMM1331-SM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMM1331-KU ETC1-CMM1331-KU Datasheet
375Kb / 2P
12.70 to 13.50 GHz 1.5 Watt Power Amplifier
More results


Similar Description - CMM1331-SM

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA1082B TRIQUINT-TGA1082B Datasheet
405Kb / 3P
27- 32 GHz 1.5 Watt Power Amplifier
logo
List of Unclassifed Man...
CMM1331-KU ETC1-CMM1331-KU Datasheet
375Kb / 2P
12.70 to 13.50 GHz 1.5 Watt Power Amplifier
logo
Mimix Broadband
CMM1431-SM MIMIX-CMM1431-SM Datasheet
501Kb / 4P
13.50 to 14.50 GHz 1.5 Watt Power Amplifier
CMM1631-SM MIMIX-CMM1631-SM Datasheet
222Kb / 3P
16.0-18.0 GHz 1.5-Watt Power Amplifier
logo
Tyco Electronics
MAAP-000044-PKG003 MACOM-MAAP-000044-PKG003 Datasheet
377Kb / 9P
Amplifier, Power, 0.5W 12.7-15.4 GHz
logo
List of Unclassifed Man...
SA1056 ETC-SA1056 Datasheet
231Kb / 2P
CDMA 1.5-Watt 1.93 GHz to 1.99 GHz Linear Power Amplifier Module
logo
Mimix Broadband
CMM1631-SM_0608 MIMIX-CMM1631-SM_0608 Datasheet
227Kb / 4P
16.0-18.0 GHz 1.5-Watt Power Amplifier
logo
Excelics Semiconductor,...
RFMA1213-2W EXCELICS-RFMA1213-2W Datasheet
93Kb / 2P
12.7 - 13.3 GHz Power Amplifier MMIC
logo
Qorvo, Inc
QPA1009D QORVO-QPA1009D Datasheet
663Kb / 17P
10.7 ??12.7 GHz 17.5 Watt GaN Amplifier
QPA1006D QORVO-QPA1006D Datasheet
536Kb / 17P
10.7 ??12.7 GHz 35 Watt GaN Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com