Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFMA1213-2W Datasheet (PDF) - Excelics Semiconductor, Inc.

RFMA1213-2W Datasheet PDF - Excelics Semiconductor, Inc.
Part # RFMA1213-2W
Download  RFMA1213-2W Download
File Size   93.3 Kbytes
Page   2 Pages
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.
Description 12.7 - 13.3 GHz Power Amplifier MMIC

RFMA1213-2W Datasheet (PDF)

Go To PDF Page Download Datasheet
RFMA1213-2W Datasheet PDF - Excelics Semiconductor, Inc.

Part # RFMA1213-2W
Download  RFMA1213-2W Click to download

File Size   93.3 Kbytes
Page   2 Pages
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.
Description 12.7 - 13.3 GHz Power Amplifier MMIC

RFMA1213-2W Datasheet (HTML) - Excelics Semiconductor, Inc.




Similar Part No. - RFMA1213-2W

ManufacturerPart #DatasheetDescription
logo
Excelics Semiconductor,...
RFMA1213-1W EXCELICS-RFMA1213-1W Datasheet
92Kb / 2P
12.70 - 13.30 GHz Power Amplifier MMIC
More results


Similar Description - RFMA1213-2W

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CMM1331-SM MIMIX-CMM1331-SM Datasheet
574Kb / 3P
12.7 to 13.5 GHz 1.5 Watt Power Amplifier
logo
Tyco Electronics
MAAP-000044-PKG003 MACOM-MAAP-000044-PKG003 Datasheet
377Kb / 9P
Amplifier, Power, 0.5W 12.7-15.4 GHz
logo
Filtronic Compound Semi...
FMA3011 FILTRONIC-FMA3011 Datasheet
380Kb / 9P
12.7-16GHZ MMIC POWER AMPLIFIER
FMA3014 FILTRONIC-FMA3014 Datasheet
253Kb / 6P
12.7-16GHZ MMIC LIMITING AMPLIFIER
FMA3014 FILTRONIC-FMA3014_1 Datasheet
239Kb / 6P
12.7-16GHZ MMIC LIMITING AMPLIFIER
FMA3011 FILTRONIC-FMA3011_1 Datasheet
395Kb / 9P
12.7-16GHZ MMIC POWER AMPLIFIER
logo
Cree, Inc
CMPA1C1D060D CREE-CMPA1C1D060D Datasheet
549Kb / 8P
60 W, 12.7 - 13.25 GHz, 40 V, GaN MMIC, Power Amplifier
logo
Qorvo, Inc
CMD320C3 QORVO-CMD320C3 Datasheet
349Kb / 13P
10.7-12.7 GHz Ultra Low Noise Amplifier
QPA1006D QORVO-QPA1006D Datasheet
536Kb / 17P
10.7 ??12.7 GHz 35 Watt GaN Amplifier
logo
WOLFSPEED, INC.
CMPA1C1D060D WOLFSPEED-CMPA1C1D060D Datasheet
237Kb / 8P
60 W, 12.7 - 13.25 GHz, 40 V, GaN MMIC, Power Amplifier
Rev. 1.0, 2022-8-30
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com