Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFMA1213-2W Datasheet(PDF) 1 Page - Excelics Semiconductor, Inc.

Part # RFMA1213-2W
Description  12.7 - 13.3 GHz Power Amplifier MMIC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.

RFMA1213-2W Datasheet(HTML) 1 Page - Excelics Semiconductor, Inc.

  RFMA1213-2W Datasheet HTML 1Page - Excelics Semiconductor, Inc. RFMA1213-2W Datasheet HTML 2Page - Excelics Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RFMA1213-2W
ISSUEED 4/11/2005
12.7 – 13.3 GHz Power Amplifier MMIC
Specifications are subject to change without notice.
Excelics Semiconductor, Inc. 310 De Guigne Drive, Sunnyvale, CA 94085
page 1 of 2
Phone: 408-737-1711 Fax: 408-737-1868 Web: www.excelics.com
Revised April 2005
-2W
Excelics
RFMA1213
FEATURES
12.70– 13.30GHz Operating Frequency Range
32.5dBm Output Power at 1dB Compression
29.0 dB Typical Power Gain @ 1dB Gain Compression
-41dBc Typical OIM3 @ each tone Pout 21.5dBm
APPLICATIONS
Point-to-point and point-to-multipoint radio
Military Radar Systems
Caution! ESD sensitive device.
ELECTRICAL CHARACTERISTICS (Ta = 25 °C, 50 ohm, Vdd=7V, Vgg=-5V)
SYMBOL
PARAMETER/TEST CONDITIONS
MIN
TYP
MAX
UNITS
F
Operating Frequency Range
12.7
13.3
GHz
P1dB
Output Power at 1dB Gain Compression
31.5
32.5
dBm
G1dB
Gain @ 1dB gain compression
26.0
29.0
dB
OIMD3
Output 3
rd Order Intermodulation Distortion
@∆f=10MHz, Each Tone Pout 21.5dBm
-41
-38
dBc
Input RL
Input Return Loss
-12
-8
dB
Output RL
Output Return Loss
-15
-8
dB
Idd
Drain Current
1900
2150
mA
Vdd
Drain Voltage
7
8
V
Vgg
Gate Voltage
-5
V
Rth
Thermal Resistance (Au-Sn Eutectic Attach)
4.0
4.5
oC/W
Tb
Operating Base Plate Temperature
-30
+80
ºC
MAXIMUM RATINGS @25°C
SYMBOL
CHARACTERISTIC
ABSOLUTE
CONTINUOUS
1,2
VDD
Drain Supply Voltage
12V
8V
VGG
Gate Supply Voltage
-8V
-3V
IDD
Drain Current
Idss
3.6A
IGG
Gate Current
240mA
40mA
PIN
Input Power
20dBm
@ 3dB compression
TCH
Channel Temperature
175°C
150°C
TSTG
Storage Temperature
-65/175°C
-65/150°C
PT
Total Power Dissipation
30.0W
25.2W
1. Operating the device beyond any of the above rating may result in permanent damage.
2. Bias conditions must also satisfy the following equation Vdd*Idd < (TCH –Tb)/RTH; where Tb = operating base plate temperature


Similar Part No. - RFMA1213-2W

ManufacturerPart #DatasheetDescription
logo
Excelics Semiconductor,...
RFMA1213-1W EXCELICS-RFMA1213-1W Datasheet
92Kb / 2P
12.70 - 13.30 GHz Power Amplifier MMIC
More results

Similar Description - RFMA1213-2W

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CMM1331-SM MIMIX-CMM1331-SM Datasheet
574Kb / 3P
12.7 to 13.5 GHz 1.5 Watt Power Amplifier
logo
Tyco Electronics
MAAP-000044-PKG003 MACOM-MAAP-000044-PKG003 Datasheet
377Kb / 9P
Amplifier, Power, 0.5W 12.7-15.4 GHz
logo
Filtronic Compound Semi...
FMA3011 FILTRONIC-FMA3011 Datasheet
380Kb / 9P
12.7-16GHZ MMIC POWER AMPLIFIER
FMA3014 FILTRONIC-FMA3014 Datasheet
253Kb / 6P
12.7-16GHZ MMIC LIMITING AMPLIFIER
FMA3014 FILTRONIC-FMA3014_1 Datasheet
239Kb / 6P
12.7-16GHZ MMIC LIMITING AMPLIFIER
FMA3011 FILTRONIC-FMA3011_1 Datasheet
395Kb / 9P
12.7-16GHZ MMIC POWER AMPLIFIER
logo
Cree, Inc
CMPA1C1D060D CREE-CMPA1C1D060D Datasheet
549Kb / 8P
60 W, 12.7 - 13.25 GHz, 40 V, GaN MMIC, Power Amplifier
logo
Qorvo, Inc
CMD320C3 QORVO-CMD320C3 Datasheet
349Kb / 13P
10.7-12.7 GHz Ultra Low Noise Amplifier
QPA1006D QORVO-QPA1006D Datasheet
536Kb / 17P
10.7 ??12.7 GHz 35 Watt GaN Amplifier
logo
WOLFSPEED, INC.
CMPA1C1D060D WOLFSPEED-CMPA1C1D060D Datasheet
237Kb / 8P
60 W, 12.7 - 13.25 GHz, 40 V, GaN MMIC, Power Amplifier
Rev. 1.0, 2022-8-30
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com