Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMNH6042SPSQ-13 Datasheet (PDF) - Diodes Incorporated

DMNH6042SPSQ-13 Datasheet PDF - Diodes Incorporated
Part # DMNH6042SPSQ-13
Download  DMNH6042SPSQ-13 Download
File Size   542.45 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 60V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI

DMNH6042SPSQ-13 Datasheet (PDF)

Go To PDF Page Download Datasheet
DMNH6042SPSQ-13 Datasheet PDF - Diodes Incorporated

Part # DMNH6042SPSQ-13
Download  DMNH6042SPSQ-13 Click to download

File Size   542.45 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 60V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI

DMNH6042SPSQ-13 Datasheet (HTML) - Diodes Incorporated


DMNH6042SPSQ-13 Product details

Features
Rated to +175°C – Ideal for High Ambient Temperature
Environments
100% Unclamped Inductive Switching – Ensures More Reliable
and Robust End Application
Low RDS(ON) – Minimizes Power Losses
Low Qg – Minimizes Switching Losses
Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
PPAP Capable (Note 4)




Similar Part No. - DMNH6042SPSQ-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMNH6042SPS DIODES-DMNH6042SPS Datasheet
543Kb / 7P
60V 175째C N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI
Rev 1
DMNH6042SPS-13 DIODES-DMNH6042SPS-13 Datasheet
543Kb / 7P
60V 175째C N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI
Rev 1
More results


Similar Description - DMNH6042SPSQ-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMT6004LPS DIODES-DMT6004LPS Datasheet
514Kb / 7P
60V N-CHANNEL ENHANCEMENT MODE MOSFET PowerDI
Rev 3
DMN6013LFGQ DIODES-DMN6013LFGQ Datasheet
521Kb / 7P
60V N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI
Rev erse
DMNH6042SPS DIODES-DMNH6042SPS Datasheet
543Kb / 7P
60V 175째C N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI
Rev 1
DMTH6016LPSQ DIODES-DMTH6016LPSQ Datasheet
419Kb / 7P
60V 175째C N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI
Rev 2
DMPH6050SPDQ DIODES-DMPH6050SPDQ Datasheet
530Kb / 7P
175°C 60V DUAL P-CHANNEL ENHANCEMENT MODE MOSFET POWERDI
October 2016
DMTH6016LFDFWQ DIODES-DMTH6016LFDFWQ Datasheet
435Kb / 8P
60V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
January 2021
DMTH6010LPDQ DIODES-DMTH6010LPDQ_V01 Datasheet
538Kb / 9P
60V 175°C DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Rev. 4 - 2 December 2021
DMNH6035SPDWQ DIODES-DMNH6035SPDWQ Datasheet
752Kb / 7P
60V 175°C DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
March 2023 Rev. 8 - 2
DMTH6016LFVW DIODES-DMTH6016LFVW Datasheet
553Kb / 7P
60V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
September 2018 Rev. 3 - 2
DMTH6016LFVWQ DIODES-DMTH6016LFVWQ Datasheet
553Kb / 7P
60V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
September 2018 Rev. 4 - 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com