Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSS4160T Datasheet (PDF) - Diodes Incorporated

DSS4160T Datasheet PDF - Diodes Incorporated
Part # DSS4160T
Download  DSS4160T Download
File Size   327.41 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 60V NPN LOW SATURATION TRANSISTOR IN SOT23

DSS4160T Datasheet (PDF)

Go To PDF Page Download Datasheet
DSS4160T Datasheet PDF - Diodes Incorporated

Part # DSS4160T
Download  DSS4160T Click to download

File Size   327.41 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 60V NPN LOW SATURATION TRANSISTOR IN SOT23

DSS4160T Datasheet (HTML) - Diodes Incorporated


DSS4160T Product details

Features
BVCEO > 60V
IC = 1A High Continuous Collector Current
ICM = 2A Peak Pulse Current
RCE(sat) = 280mΩ for a Low Equivalent On-Resistance
Low Saturation Voltage VCE(sat) < 280mV @ 1A
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
PPAP Capable (Note 4)




Similar Part No. - DSS4160T

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DSS4160T DIODES-DSS4160T_15 Datasheet
198Kb / 7P
60V NPN LOW SATURATION TRANSISTOR IN SOT23
Rev 2
More results


Similar Description - DSS4160T

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FMMT619TA DIODES-FMMT619TA Datasheet
162Kb / 7P
50V NPN SILICON LOW SATURATION TRANSISTOR IN SOT23
Rev 8
FMMT617TC DIODES-FMMT617TC Datasheet
951Kb / 7P
15V NPN LOW SATURATION TRANSISTOR IN SOT23
Rev 4
FMMT619TC DIODES-FMMT619TC Datasheet
162Kb / 7P
50V NPN SILICON LOW SATURATION TRANSISTOR IN SOT23
Rev 8
DSS4160T DIODES-DSS4160T_15 Datasheet
198Kb / 7P
60V NPN LOW SATURATION TRANSISTOR IN SOT23
Rev 2
DSS60601MZ4 DIODES-DSS60601MZ4_15 Datasheet
306Kb / 8P
60V NPN LOW SATURATION TRANSISTOR IN SOT223
Rev 3
FMMT617 DIODES-FMMT617_15 Datasheet
956Kb / 7P
15V NPN LOW SATURATION TRANSISTOR IN SOT23
Rev 4
FMMTL619 DIODES-FMMTL619_15 Datasheet
802Kb / 7P
50V NPN LOW SATURATION TRANSISTOR IN SOT23
Rev 3
FMMT624 DIODES-FMMT624_15 Datasheet
215Kb / 7P
125V NPN LOW SATURATION TRANSISTOR IN SOT23
Rev 5
ZXTN649F DIODES-ZXTN649F_15 Datasheet
246Kb / 7P
25V NPN LOW SATURATION TRANSISTOR IN SOT23
Rev 3
ZXTN25100BFH DIODES-ZXTN25100BFH_15 Datasheet
430Kb / 7P
100V NPN LOW SATURATION TRANSISTOR IN SOT23
Rev erse
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com