Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMT617TC Datasheet (PDF) - Diodes Incorporated

FMMT617TC Datasheet PDF - Diodes Incorporated
Part # FMMT617TC
Download  FMMT617TC Download
File Size   951.64 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 15V NPN LOW SATURATION TRANSISTOR IN SOT23

FMMT617TC Datasheet (PDF)

Go To PDF Page Download Datasheet
FMMT617TC Datasheet PDF - Diodes Incorporated

Part # FMMT617TC
Download  FMMT617TC Click to download

File Size   951.64 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 15V NPN LOW SATURATION TRANSISTOR IN SOT23

FMMT617TC Datasheet (HTML) - Diodes Incorporated


FMMT617TC Product details

Features
• BVCEO > 15V
• IC = 3A high Continuous Collector Current
• ICM = 12A Peak Pulse Current
• RCE(sat) = 50mΩ for a low equivalent On-Resistance
• 625mW Power dissipation
• hFE specified up to 12A for high current gain hold up
• Complementary PNP Type: FMMT717
• Totally Lead-Free & Fully RoHS compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability

Applications
• DC-DC / DC-AC Modules
• Regulator
• LED driver
• CCFL Backlighting Inverters




Similar Part No. - FMMT617TC

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
FMMT617TA KEXIN-FMMT617TA Datasheet
86Kb / 2P
NPN Silicon Power Transistor
More results


Similar Description - FMMT617TC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTN617MA DIODES-ZXTN617MA Datasheet
164Kb / 7P
15V NPN LOW SATURATION TRANSISTOR
Rev 4
ZXTAM322 DIODES-ZXTAM322 Datasheet
391Kb / 6P
15V NPN LOW SATURATION TRANSISTOR
JUNE 2002
DSS4160T DIODES-DSS4160T_15 Datasheet
198Kb / 7P
60V NPN LOW SATURATION TRANSISTOR IN SOT23
Rev 2
FMMT617 DIODES-FMMT617_15 Datasheet
956Kb / 7P
15V NPN LOW SATURATION TRANSISTOR IN SOT23
Rev 4
FMMTL619 DIODES-FMMTL619_15 Datasheet
802Kb / 7P
50V NPN LOW SATURATION TRANSISTOR IN SOT23
Rev 3
FMMT624 DIODES-FMMT624_15 Datasheet
215Kb / 7P
125V NPN LOW SATURATION TRANSISTOR IN SOT23
Rev 5
ZXTN617MA DIODES-ZXTN617MA_15 Datasheet
166Kb / 7P
15V NPN LOW SATURATION TRANSISTOR
Rev 5
ZXTN649F DIODES-ZXTN649F_15 Datasheet
246Kb / 7P
25V NPN LOW SATURATION TRANSISTOR IN SOT23
Rev 3
ZXTN25100BFH DIODES-ZXTN25100BFH_15 Datasheet
430Kb / 7P
100V NPN LOW SATURATION TRANSISTOR IN SOT23
Rev erse
DSS4160T DIODES-DSS4160T Datasheet
327Kb / 7P
60V NPN LOW SATURATION TRANSISTOR IN SOT23
May 2018
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com