Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMT617TC Datasheet(PDF) 1 Page - Diodes Incorporated

Part # FMMT617TC
Description  15V NPN LOW SATURATION TRANSISTOR IN SOT23
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FMMT617TC Datasheet(HTML) 1 Page - Diodes Incorporated

  FMMT617TC Datasheet HTML 1Page - Diodes Incorporated FMMT617TC Datasheet HTML 2Page - Diodes Incorporated FMMT617TC Datasheet HTML 3Page - Diodes Incorporated FMMT617TC Datasheet HTML 4Page - Diodes Incorporated FMMT617TC Datasheet HTML 5Page - Diodes Incorporated FMMT617TC Datasheet HTML 6Page - Diodes Incorporated FMMT617TC Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
FMMT617
Document number: DS36156 Rev. 4 - 2
1 of 7
www.diodes.com
January 2013
© Diodes Incorporated
A Product Line of
Diodes Incorporated
FMMT617
15V NPN LOW SATURATION TRANSISTOR IN SOT23
Features
•
BVCEO > 15V
•
IC = 3A high Continuous Collector Current
•
ICM = 12A Peak Pulse Current
•
RCE(sat) = 50mΩ for a low equivalent On-Resistance
•
625mW Power dissipation
•
hFE specified up to 12A for high current gain hold up
•
Complementary PNP Type: FMMT717
•
Totally Lead-Free & Fully RoHS compliant (Notes 1 & 2)
•
Halogen and Antimony Free. “Green” Device (Note 3)
•
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
•
Case: SOT23
•
Case Material: molded plastic, “Green” molding compound
•
UL Flammability Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020
•
Terminals: Finish – Matte Tin Plated Leads, Solderable per
MIL-STD-202, Method 208
•
Weight 0.008 grams (approximate)
Applications
•
DC-DC / DC-AC Modules
•
Regulator
•
LED driver
•
CCFL Backlighting Inverters
Ordering Information (Note 4)
Product
Marking
Reel size (inches)
Tape width (mm)
Quantity per reel
FMMT617TA
617
7
8
3,000
FMMT617TC
617
13
8
10,000
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com for more information about Diodes Incorporated’s definitions of Halogen and Antimony free, "Green" and Lead-Free.
3. Halogen and Antimony free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl)
and <1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com.
Marking Information
617 = Product Type Marking Code
SOT23
Top View
Pin-Out
Top View
Device Symbol
C
E
B
C
E
B
624
617


Similar Part No. - FMMT617TC

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
FMMT617TA KEXIN-FMMT617TA Datasheet
86Kb / 2P
NPN Silicon Power Transistor
More results

Similar Description - FMMT617TC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTN617MA DIODES-ZXTN617MA Datasheet
164Kb / 7P
15V NPN LOW SATURATION TRANSISTOR
Rev 4
ZXTAM322 DIODES-ZXTAM322 Datasheet
391Kb / 6P
15V NPN LOW SATURATION TRANSISTOR
JUNE 2002
DSS4160T DIODES-DSS4160T_15 Datasheet
198Kb / 7P
60V NPN LOW SATURATION TRANSISTOR IN SOT23
Rev 2
FMMT617 DIODES-FMMT617_15 Datasheet
956Kb / 7P
15V NPN LOW SATURATION TRANSISTOR IN SOT23
Rev 4
FMMTL619 DIODES-FMMTL619_15 Datasheet
802Kb / 7P
50V NPN LOW SATURATION TRANSISTOR IN SOT23
Rev 3
FMMT624 DIODES-FMMT624_15 Datasheet
215Kb / 7P
125V NPN LOW SATURATION TRANSISTOR IN SOT23
Rev 5
ZXTN617MA DIODES-ZXTN617MA_15 Datasheet
166Kb / 7P
15V NPN LOW SATURATION TRANSISTOR
Rev 5
ZXTN649F DIODES-ZXTN649F_15 Datasheet
246Kb / 7P
25V NPN LOW SATURATION TRANSISTOR IN SOT23
Rev 3
ZXTN25100BFH DIODES-ZXTN25100BFH_15 Datasheet
430Kb / 7P
100V NPN LOW SATURATION TRANSISTOR IN SOT23
Rev erse
DSS4160T DIODES-DSS4160T Datasheet
327Kb / 7P
60V NPN LOW SATURATION TRANSISTOR IN SOT23
May 2018
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com