Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMT617TC Datasheet(PDF) 4 Page - Diodes Incorporated

Part # FMMT617TC
Description  15V NPN LOW SATURATION TRANSISTOR IN SOT23
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FMMT617TC Datasheet(HTML) 4 Page - Diodes Incorporated

  FMMT617TC Datasheet HTML 1Page - Diodes Incorporated FMMT617TC Datasheet HTML 2Page - Diodes Incorporated FMMT617TC Datasheet HTML 3Page - Diodes Incorporated FMMT617TC Datasheet HTML 4Page - Diodes Incorporated FMMT617TC Datasheet HTML 5Page - Diodes Incorporated FMMT617TC Datasheet HTML 6Page - Diodes Incorporated FMMT617TC Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
FMMT617
Document number: DS36156 Rev. 4 - 2
4 of 7
www.diodes.com
January 2013
© Diodes Incorporated
A Product Line of
Diodes Incorporated
FMMT617
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Collector-Base Breakdown Voltage
BVCBO
15
70
-
V
IC = 100µA
Collector-Emitter Breakdown Voltage (Note 9)
BVCEO
15
18
-
V
IC = 10mA
Emitter-Base Breakdown Voltage
BVEBO
7
8.2
-
V
IE = 100µA
Collector Cut-off Current
ICBO
-
<1
100
nA
VCB = 10V
Emitter Cut-off Current
IEBO
-
<1
100
nA
VEB = 5.6V
Collector Emitter Cut-off Current
ICES
-
<1
100
nA
VCES = 10V
Static Forward Current Transfer Ratio (Note 9)
hFE
200
300
200
150
-
415
450
320
240
80
-
-
-
-
-
-
IC = 10mA, VCE = 2V
IC = 200mA, VCE = 2V
IC = 3A, VCE = 2V
IC = 5A, VCE = 2V
IC = 12A, VCE = 2V
Collector-Emitter Saturation Voltage (Note 9)
VCE(sat)
-
-
-
8
70
150
14
100
200
mV
IC = 0.1A, IB = 10mA
IC = 1A, IB = 10mA
IC = 3A, IB = 50mA
Base-Emitter Saturation Voltage (Note 9)
VBE(sat)
-
0.9
1.0
V
IC = 3A, IB = 50mA
Base-Emitter Saturation Voltage (Note 9)
VBE(on)
-
0.84
1.0
V
IC = 3A, VCE = 2V
Transition Frequency
fT
80
120
-
MHz
IC = 50mA, VCE = 10V,
f = 50MHz
Collector Output Capacitance
Cobo
-
30
40
pF
VCB = 10V, f = 1MHz
Turn-On Time
t(on)
-
120
-
ns
VCC = 10V, IC = 3A,
IB1 = -IB2 = 50mA
Turn-Off Time
t(off)
-
160
-
ns
Notes:
9. Measured under pulsed conditions. Pulse width ≤ 300µs. Duty cycle ≤ 2%



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com