Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC35678FSG Datasheet (PDF) - Toshiba Semiconductor

TC35678FSG Datasheet PDF - Toshiba Semiconductor
Part # TC35678FSG
Download  TC35678FSG Download
File Size   630.35 Kbytes
Page   53 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TC35678FSG-002 TC35678FXG-002 Bluetooth® low energy IC

TC35678FSG Datasheet (PDF)

Go To PDF Page Download Datasheet
TC35678FSG Datasheet PDF - Toshiba Semiconductor

Part # TC35678FSG
Download  TC35678FSG Click to download

File Size   630.35 Kbytes
Page   53 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TC35678FSG-002 TC35678FXG-002 Bluetooth® low energy IC

TC35678FSG Datasheet (HTML) - Toshiba Semiconductor


TC35678FSG Product details

1. General Description
1.1. Product Concept
TC35678FSG and TC35678FXG (Later omitted TC35678.) are compliant with Bluetooth® core specification 4.2. RF analog parts
and baseband digital parts are built in them, and TC35678 provides Bluetooth® HCI (Host Control Interface) functions and
Bluetooth® low energy GATT profile functions defined by Bluetooth® core specifications. Additionally, this IC works as an application
using low power Bluetooth® communication by storing the application program into built-in flash ROM.

1.2. Features
 Compliant with Bluetooth® Ver4.2 low energy
 Built-in ARM® Cortex®-M0 (13 MHz or 26 MHz operation frequency is able to select to run)
 On-chip mask ROM for Bluetooth® program (384 KB)
 On-chip work RAM for Bluetooth® Baseband process (192 KB)
 On-chip Flash-ROM (256 KB, More than 100,000 erase and program cycles)
 Supports patch program loader function
 General Purpose IO (TC35678FSG 17 ports,TC35678FXG 32 ports)
 General Purpose Serial Interfaces
 SPI interface (1 ch assigned to a General Purpose IO)
 I2C interface (1 ch assigned to a General Purpose IO)
 Host CPU Interface
 UART interface (9600 bps to 921.6 kbps, 2 ch - shared with GPIOs)
 SPI interface
 Emulator debug control interface
 SWD(Serial Wire Debug)2-wire (1 ch)
 Wake-up Interface (2 ch assigned to a General Purpose IO)
 Wake-up input function from sleep and deep sleep
 PWM Interface (4 ch assigned to General Purpose IOs)
 Reference Clock Input (26 MHz)
 Built-in oscillator for crystal oscillator connection
 Sleep Clock Input (32.768 kHz)
 External oscillator input supported
 Built-in oscillator for crystal oscillator connection
 Works as Standalone
 Sleep and Deep Sleep Functions
 Built-in DCDC converter and LDO
 Wide range of input power supply voltages supported (Booting power supply voltage : 1.9 to 3.6 V, low battery voltage
detection.)
 Built-in general purpose ADC
 External analog inputs assigned to GPIOs (TC35678FSG-5 ch, TC35678FXG-7 ch)
 Internal VDD monitoring (1 ch - connected inside)
 Package:
 TC35678FSG: QFN Package [40 pin, 5 x5 mm, 0.4 mm pitch, 0.9 mm thickness]
 TC35678FXG: QFN Package [60 pin, 7 x7 mm, 0.4 mm pitch, 0.9 mm thickness]




Similar Part No. - TC35678FSG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC35670FTG TOSHIBA-TC35670FTG Datasheet
425Kb / 16P
TC35670FTG Bluetooth™ LE NFC-Tag IC
November 2014
TC35670FTG-006 TOSHIBA-TC35670FTG-006 Datasheet
1,014Kb / 69P
TC35670FTG-006 Bluetooth® Smart NFC Tag IC
2016-05-31 Rev 2.1
TC35679FSG TOSHIBA-TC35679FSG Datasheet
584Kb / 45P
TC35679FSG-002 Bluetooth® low energy IC
2018-01-17 Rev 1.20
TC35679FSG-002 TOSHIBA-TC35679FSG-002 Datasheet
584Kb / 45P
TC35679FSG-002 Bluetooth® low energy IC
2018-01-17 Rev 1.20
TC35679IFTG-002 TOSHIBA-TC35679IFTG-002 Datasheet
586Kb / 45P
TC35679IFTG-002 Bluetooth® low energy IC
2018-01-17 Rev 1.20
More results


Similar Description - TC35678FSG

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
BWA-ANTKIT-002 BANNER-BWA-ANTKIT-002 Datasheet
97Kb / 1P
Antenna Kit BWA-ANTKIT-002
logo
Toshiba Semiconductor
TC35679FSG-002 TOSHIBA-TC35679FSG-002 Datasheet
584Kb / 45P
TC35679FSG-002 Bluetooth® low energy IC
2018-01-17 Rev 1.20
TC35679IFTG-002 TOSHIBA-TC35679IFTG-002 Datasheet
586Kb / 45P
TC35679IFTG-002 Bluetooth® low energy IC
2018-01-17 Rev 1.20
TC3567CFSG-002 TOSHIBA-TC3567CFSG-002 Datasheet
616Kb / 49P
TC3567CFSG-002 Bluetooth® low energy IC
2018-04-06 Rev 1.1
TC3567DFSG-002 TOSHIBA-TC3567DFSG-002 Datasheet
697Kb / 49P
TC3567DFSG-002 Bluetooth® low energy IC
2018-04-26 Rev 1.2
TC35680FSG-002 TOSHIBA-TC35680FSG-002 Datasheet
1Mb / 91P
TC35680FSG-002/TC35681FSG-002 Bluetooth® Low Energy IC
2019-04-04 Rev 1.1
TC35681IFTG-002 TOSHIBA-TC35681IFTG-002 Datasheet
1Mb / 84P
TC35681IFTG-002 Bluetooth® Low Energy IC
2018-10-03 Rev 0.9
logo
List of Unclassifed Man...
T0050101599 ETC2-T0050101599 Datasheet
364Kb / 2P
RTP 002 C MS
logo
Panasonic Semiconductor
PAN1781 PANASONIC-PAN1781 Datasheet
889Kb / 35P
Bluetooth® Low Energy Module
Rev. 1.0
logo
C&K Components
3401-002 CK-COMPONENTS-3401-002 Datasheet
1Mb / 15P
3401-002 D*MA Connectors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com