Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC35679FSG Datasheet (PDF) - Toshiba Semiconductor

TC35679FSG Datasheet PDF - Toshiba Semiconductor
Part # TC35679FSG
Download  TC35679FSG Download
File Size   584.68 Kbytes
Page   45 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TC35679FSG-002 Bluetooth® low energy IC

TC35679FSG Datasheet (PDF)

Go To PDF Page Download Datasheet
TC35679FSG Datasheet PDF - Toshiba Semiconductor

Part # TC35679FSG
Download  TC35679FSG Click to download

File Size   584.68 Kbytes
Page   45 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TC35679FSG-002 Bluetooth® low energy IC

TC35679FSG Datasheet (HTML) - Toshiba Semiconductor


TC35679FSG Product details

1. General Description
1.1. Product Concept
TC35679FSG (Later omitted TC35679.) is compliant with Bluetooth® core specification 4.2. RF analog parts and baseband digital
parts are built in it, and TC35679 provides Bluetooth® HCI (Host Control Interface) functions and Bluetooth® low energy GATT profile
functions defined by Bluetooth® specifications. TC35679 works as an application using Bluetooth® low energy communication system
by connected with external host processor or external non-volatile memory.

1.2. Features
 Compliant with Bluetooth® Ver4.2 low energy
 Built-in ARM® Cortex®-M0 (13 MHz or 26 MHz operation frequency is able to select to run)
 On-chip mask ROM for Bluetooth® program (384 KB)
 On-chip work RAM for Bluetooth® Baseband process (192 KB)
 Supports patch program loader function
 General Purpose IO (17 ports)
 General Purpose Serial Interfaces
 SPI interface (1 ch - shared with a General Purpose IO)
 I2C interface (1 ch - shared with a General Purpose IO)
 Host CPU Interface
 UART interface (9600 bps to 921.6 kbps, 2 ch - shared with GPIOs)
 SPI interface
 Emulator debug control interface
 SWD ( Serial Wire Debug) 2-wire (1 ch)
 Wake-up Interface (2 ch - shared with General Purpose IOs)
 Wake-up input function from sleep and deep sleep
 PWM Interface (4 ch assigned to General Purpose IOs)
 Reference Clock Input (26 MHz)
 Built-in oscillator for crystal oscillator connection
 Sleep Clock Input (32.768 kHz)
 External oscillator input supported
 Built-in oscillator for crystal oscillator connection
 Works as external host control and standalone
(Please refer to the software application notes and programming guide for the method of control software design.)
 Sleep and Deep Sleep Functions
 Built-in DCDC converter and LDO
 Wide range of input power supply voltages supported (1.8 to 3.6 V, Built-in low battery voltage detection.)
 Built-in general purpose ADC
 External analog inputs (5 ch - shared with General Purpose IOs)
 Internal Power supply voltage monitoring (1 ch - connected inside)
 External radio front-end control
 Radio transmitting and receiving timing signal output (1 ch - shared with a General Purpose IO)
 Package:
 TC35679FSG: QFN Package [40 pin, 5 x 5 mm, 0.4 mm pitch, 0.9 mm thickness]




Similar Part No. - TC35679FSG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC35679IFTG-002 TOSHIBA-TC35679IFTG-002 Datasheet
586Kb / 45P
TC35679IFTG-002 Bluetooth® low energy IC
2018-01-17 Rev 1.20
More results


Similar Description - TC35679FSG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC35678FSG-002 TOSHIBA-TC35678FSG-002 Datasheet
630Kb / 53P
TC35678FSG-002 TC35678FXG-002 Bluetooth® low energy IC
2018-01-17 Rev 1.20
TC35679IFTG-002 TOSHIBA-TC35679IFTG-002 Datasheet
586Kb / 45P
TC35679IFTG-002 Bluetooth® low energy IC
2018-01-17 Rev 1.20
TC3567CFSG-002 TOSHIBA-TC3567CFSG-002 Datasheet
616Kb / 49P
TC3567CFSG-002 Bluetooth® low energy IC
2018-04-06 Rev 1.1
TC3567DFSG-002 TOSHIBA-TC3567DFSG-002 Datasheet
697Kb / 49P
TC3567DFSG-002 Bluetooth® low energy IC
2018-04-26 Rev 1.2
TC35680FSG-002 TOSHIBA-TC35680FSG-002 Datasheet
1Mb / 91P
TC35680FSG-002/TC35681FSG-002 Bluetooth® Low Energy IC
2019-04-04 Rev 1.1
TC35681IFTG-002 TOSHIBA-TC35681IFTG-002 Datasheet
1Mb / 84P
TC35681IFTG-002 Bluetooth® Low Energy IC
2018-10-03 Rev 0.9
logo
Panasonic Semiconductor
PAN1781 PANASONIC-PAN1781 Datasheet
889Kb / 35P
Bluetooth® Low Energy Module
Rev. 1.0
logo
STMicroelectronics
BLUENRG-LPS STMICROELECTRONICS-BLUENRG-LPS Datasheet
2Mb / 67P
Programmable Bluetooth® Low Energy wireless SoC
Rev 4 - March 2023
logo
Taiyo Yuden (U.S.A.), I...
EKSKBNZWB TAIYO-YUDEN-EKSKBNZWB Datasheet
371Kb / 2P
Bluetooth® 5.0 low energy Module
logo
Microchip Technology
RNBD451 MICROCHIP-RNBD451 Datasheet
1Mb / 67P
RNBD451 Bluetooth® Low Energy Module Data Sheet
Revision A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com