Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC35679FSG Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TC35679FSG
Description  TC35679FSG-002 Bluetooth® low energy IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC35679FSG Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TC35679FSG Datasheet HTML 1Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 2Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 3Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 4Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 5Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 6Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 7Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 8Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 45 page
background image
TC35679FSG-002
2018-01-17
4
1.
General Description
1.1. Product Concept
TC35679FSG (Later omitted TC35679.) is compliant with Bluetooth® core specification 4.2. RF analog parts and baseband digital
parts are built in it, and TC35679 provides Bluetooth® HCI (Host Control Interface) functions and Bluetooth®low energy GATT profile
functions defined by Bluetooth® specifications. TC35679 works as an application using Bluetooth® low energy communication system
by connected with external host processor or external non-volatile memory.
1.2. Features
Compliant with Bluetooth® Ver4.2 low energy
Built-inARM® Cortex®-M0 (13 MHz or 26 MHz operation frequency is able to select to run)
On-chip mask ROM for Bluetooth® program (384 KB)
On-chip work RAM for Bluetooth® Baseband process (192 KB)
Supports patch program loader function
General Purpose IO (17 ports)
General Purpose Serial Interfaces
SPI interface (1 ch - shared with a General Purpose IO)
I2C interface (1 ch - shared with a General Purpose IO)
Host CPU Interface
UART interface (9600 bps to 921.6 kbps, 2 ch - shared with GPIOs)
SPI interface
Emulator debug control interface
SWD ( Serial Wire Debug) 2-wire (1 ch)
Wake-up Interface (2 ch - shared with General Purpose IOs)
Wake-up input function from sleep and deep sleep
PWM Interface (4 ch assigned to General Purpose IOs)
Reference Clock Input (26 MHz)
Built-in oscillator for crystal oscillator connection
Sleep Clock Input (32.768 kHz)
External oscillator input supported
Built-in oscillator for crystal oscillator connection
Works as external host control and standalone
(Please refer to the software application notes and programming guide for the method of control software design.)
Sleep and Deep Sleep Functions
Built-in DCDC converter and LDO
Wide range of input power supply voltages supported (1.8 to 3.6 V, Built-in low battery voltage detection.)
Built-in general purposeADC
External analog inputs (5 ch - shared with General Purpose IOs)
Internal Power supply voltage monitoring (1 ch - connected inside)
External radio front-end control
Radio transmitting and receiving timing signal output (1 ch - shared with a General Purpose IO)
Package:
TC35679FSG: QFN Package [40 pin, 5 x 5 mm, 0.4 mm pitch, 0.9 mm thickness]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com