Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC35679FSG Datasheet(PDF) 19 Page - Toshiba Semiconductor

Part # TC35679FSG
Description  TC35679FSG-002 Bluetooth® low energy IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC35679FSG Datasheet(HTML) 19 Page - Toshiba Semiconductor

Back Button TC35679FSG Datasheet HTML 15Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 16Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 17Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 18Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 19Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 20Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 21Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 22Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 23Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 45 page
background image
TC35679FSG-002
2018-01-17
19
4.3.7.
Error Detecting Functions
TC35679 UART interface has 3 kinds of error detecting functions.
Receiver timeout error
Receiver over run error
Receiver frame error
Receiver timeout error detection judges an error if an UART RX message made from several RX frames has an RX frame interval
longer than a certain value. The interval is counted by internal timer. Keep the interval between RX frames less than 12 time frames
that belong to an RX message. For UART1, keep intervals between different RX messages more than 12 time frames. For
example, 115200 bps has 0.087 ms for 1 frame, the interval between RX messages should be longer than 0.087 ms × 12 = 1.04
ms. RX messages that has intervals less than 12 time frames gives an error because TC35679 sees them as one UART RX
message. Interval of the received frame is the default in the 12 time frame, but it can be changed by the command.
In the case of UART2, of different UART receive message interval is more than 14 ms.
Figure 4-9 RX frames and RX messages
Receiver over run error judges if UART receive frame buffer internal TC35679 is overflowed. Normally, this overflow does not
happen when the flow control mentioned in 4.2.4 is activated for data communication.
Receiver frame error judges if failing recognize the unit frame. A frame formation is judged as failure when its start bit is detected
and the corresponding stop bit is detected as “0”.
UART RX data
UART RX message
UART RX message
< 12 time frames
< 12 time frames
< 12 time frames
> 12 time frames
1 time frame



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com