Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC35679FSG Datasheet(PDF) 28 Page - Toshiba Semiconductor

Part # TC35679FSG
Description  TC35679FSG-002 Bluetooth® low energy IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC35679FSG Datasheet(HTML) 28 Page - Toshiba Semiconductor

Back Button TC35679FSG Datasheet HTML 24Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 25Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 26Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 27Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 28Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 29Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 30Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 31Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 32Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 45 page
background image
TC35679FSG-002
2018-01-17
28
4.7. ADC
4.7.1.
Features
TC35679 has 6 ch of 10 bits ADCs for battery monitoring, analog inputs from external sensors, for example. The ADC has the
following features.
5 ch for analog inputs (shared with GPIO pins)
1 ch for VBAT voltage monitor
Note: The reference input is internally connected to VBAT, and the analog input is to built-in VDDCORE2 output.
Please refer to 4.7.2 for how to calculate voltage value.
Maximum conversion rate: 1 MS/s
4.7.2.
Descriptions
The ADC has 10 bits conversion accuracy and can work for input voltages from 0 V to 3.6 V (VBAT). It has 6 ch of analog inputs, and
the ch0 is connected to VDDCORE2 output, and the ch1 to ch5 are shared with GPIO pins.
When a battery is used as power source, the reference voltage can slide over time because the battery is connected as reference
voltage. In that case, the VDDCORE2 output voltage connected to ch0 can be used as a reference voltage. The input voltage to ch1
to ch5 is converted by the reference voltage of ch0 and the converted value is used to calculate a correct digital value by the CPU.
The following shows the conversion method of the input voltage.
VoltageAat time T can be calculated as follows
(1) VDDCORE2 output voltage (VDDCORE2) on Ch0 should be converted by theADC. The converted digital value is X.
(2) The analog signal on Ch1 is converted and the converted digital value is Y.
(3) When the absolute value of the analog signal on Ch1 is defined asA(V), VDDCORE2 (V) / A(V) = X / Y. So,
A(V) = VDDCORE2 (V) × Y / X
Calculation example:
Suppose ch0 (for ex. VDDCORE2 output is 1.1 V) is converted to 0x0134, and ch1 (measurement target) is converted to
0x0188, the absolute voltage at ch1A(V) is given by 1.1 × 0x0188 / 0x0134 = 1.1 × 392 / 308 = 1.4 (V).
Figure 4-20 shows conceptual of voltage conversion.
3.3V
VDDCORE2
voltage
A[V]
(1)=X
(2)=Y
[t]
[V]
Time[T]
VREF
Figure 4-20 Voltage conversion concept
The ADC converts input voltage of ch selected by register settings. When a conversion has finished, the CPU detects it by the interrupt
or register polling, and then reads the conversion results. The maximum sampling rate depends on software load on the CPU.
Note: The numerical values are expressed as follows.
Hexadecimal number:
0xABC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com