Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC35679FSG Datasheet(PDF) 12 Page - Toshiba Semiconductor

Part # TC35679FSG
Description  TC35679FSG-002 Bluetooth® low energy IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC35679FSG Datasheet(HTML) 12 Page - Toshiba Semiconductor

Back Button TC35679FSG Datasheet HTML 8Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 9Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 10Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 11Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 12Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 13Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 14Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 15Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 16Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 45 page
background image
TC35679FSG-002
2018-01-17
12
3.
System Configuration
3.1. Block Diagram
Figure 3-1 shows block diagram of TC35679.
TC35679 is powered by single voltage between 1.8 V and 3.6 V.
The chip has built-in DCDC and LDO requiring external capacitors.
It uses 26 MHz reference clock and 32.768 kHz sleep clock.
External memory Interface is SPI or I2C, and host CPU interface is UART.
RF Block
26MHz
X’tal
ClockGen/
Clock
Management
RF PLL
Power 
Management
Controller
VDD
1.8~
3.6V
TC35679
Baseband
Block
UART
2ch
HOST
I/F
SPI/
I2C
PWM
4ch
GPIO
ADC
6ch
Modem
ARM®
 
Cortex®-M0
Mask
ROM
RAM
(BackUp)
Selector
VDDCORE2
Ref
VDD
32kHz
X’tal
DCDC
LDO
Level
Detector
Figure 3-1 Example of the TC35679 internal block diagram and the peripheral components connection diagram
VBAT
1.8 to
3.6 V
VBAT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com