Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC35679FSG Datasheet(PDF) 40 Page - Toshiba Semiconductor

Part # TC35679FSG
Description  TC35679FSG-002 Bluetooth® low energy IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC35679FSG Datasheet(HTML) 40 Page - Toshiba Semiconductor

Back Button TC35679FSG Datasheet HTML 36Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 37Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 38Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 39Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 40Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 41Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 42Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 43Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 44Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 45 page
background image
TC35679FSG-002
2018-01-17
40
5.7.2.2. Fast mode
Table 5-11 I
2
C Interface Fast mode AC Characteristics
Symbols
Items
Min
Typ.
Max
Unit
tDATS
Data setup time
100
—
—
ns
tDATH
Data hold time
300
—
—
ns
tDATVD
Data validity period
—
—
900
ns
tACKVD
ACK validity period
—
—
900
ns
tSTAS
Restart condition setup time
600
—
—
ns
tSTAH
Restart condition hold time
600
—
—
ns
tSTOS
Stop condition setup time
600
—
—
ns
tBUF
Bus open period from stop condition to start
condition
1300
—
—
ns
tr
Rise up time
20 + 0.1 Cb
—
300
ns
tf
Fall down time
20 + 0.1 Cb
—
300
ns
tSP
Spike pulse width that can be removed
0
—
50
ns
tHIGH
Serial clock period of High
—
1423
—
ns
tLOW
Serial clock period of Low
—
1423
—
ns
Cb
Bus load capacitance
—
—
400
pF
70%
30%
70%
30
%
tf
tLOW
tHIGH tDATVD
tDATH
tDATS
1/fSCL
70%
30%
70%
30%
tSP
tACKVD
tSTOS
tBUF
tSTAH
S
Sr
P
S
1st clock
tr
tf
tr
2nd clock
3rd clock
9th clock
9th clock
SDA
SCL
S : START condition
Sr : Repeated START Condition
P : STOP condition
tSTAH
tSTAS
SDA
SCL
Figure 5-3 I
2C Interface Fast mode Timing diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com