Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC35679FSG Datasheet(PDF) 32 Page - Toshiba Semiconductor

Part # TC35679FSG
Description  TC35679FSG-002 Bluetooth® low energy IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC35679FSG Datasheet(HTML) 32 Page - Toshiba Semiconductor

Back Button TC35679FSG Datasheet HTML 28Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 29Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 30Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 31Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 32Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 33Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 34Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 35Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 36Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 45 page
background image
TC35679FSG-002
2018-01-17
32
5.2. Operating Conditions
TC35679 can operate normally with proven quality under the operating ranges. Any diversion from the operating ranges may
cause false operation. Thus, please make sure application design to comply these operating ranges.
Table 5-2 Operating conditions
(VSSX=VSSDC=VSSRFIO=VSSA=VSSD1=VSSD2=0 V)
Items
Symbols
(Pin names,
conditions)
Ratings
Unit
Min
Typ.
Max
Power
supply
VBAT Operating
Voltage1(Note1)
VBATopr1
1.80
3.00
3.60
V
VDDIO Operating
Voltage(Note2)
VDDIOopr
1.80
3.00
3.60
V
VDDCORE
Voltage(Note2)
VDDCORE1/
VDDCORE2
—
1.1 / 1.2
(Note3)
—
V
RF frequency
Fc
2400
—
2483.5
MHz
Clock frequencies
Reference clock Fck
25.99870
26.00000
26.00130
MHz
Sleep clock fslclk
32.751616
32.768000
32.784384
kHz
Ambient temp.
Ta
-40
+25
+85
°C
Note1: The VBAT pin has low voltage detection function and needs more than the minimum voltage of the VBATopr1 at the boot
up.
Note2: Please refer to other documents (application note) for our connection examples.
Note3: During RF block operation and 26 MHz operation of CPU, this voltage is 1.2 V (typ.).
In other operation it becomes 1.1 V (typ.).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com