Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC35679FSG Datasheet(PDF) 15 Page - Toshiba Semiconductor

Part # TC35679FSG
Description  TC35679FSG-002 Bluetooth® low energy IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC35679FSG Datasheet(HTML) 15 Page - Toshiba Semiconductor

Back Button TC35679FSG Datasheet HTML 11Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 12Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 13Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 14Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 15Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 16Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 17Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 18Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 19Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 45 page
background image
TC35679FSG-002
2018-01-17
15
4.2. Reset Interface (Power up sequence)
4.2.1.
Features
Reset interface has the following features.
1.8 to 3.6 V operation
Level sensitive asynchronous reset (Low level: reset)
When the power supply is applied, the external reset signal connected to the TC35679 should be held the reset state (RESETX =
Low). Please release the reset (RESETX = High) after the power supply voltage reaches 1.8 V or more and becomes stable.
Then, the oscillation of a crystal oscillator is started, and the internal reset is released by the internal timer after the oscillation-stable
time of the crystal oscillator is passed.
4.2.2.
Connection Example
Figure 4-2 shows connection example where TC35679 is powered through RC time constant circuit.
Reset signal can be given from power supply through RC time constant circuit, or can be connected with an IC which has
asynchronous and level sensitive reset function. Figure 4-3 shows the timings to reset and reset-release for the power supply.
Figure 4-2 Reset signal connection example
Figure 4-3 Power-on reset release sequence
VDDIO Power supply
Reset signal
-> Necessary for a reset release after VDDIO stabilization
Reference clock
Oscillation
VBAT Power supply
Sleep clock
(in case of external
oscillator connection)
Operation starts
Sleep clock
(in case of crystal
oscillator connection)
Oscillation
-> It can be input after VDDIO stabilization
So as not to VBAT<VDDIO
It may be input after stabilization of reference clock
Internal LDO
DC/DC converter
LDO On
DC/DC On
System changes an internal power after sleep clock detection
(It enters temporarily to Sleep mode.)
Boot completion
1.8 V or more at startup
Boot starts
TC35679
Reset
Power Supply
Some parts of the connection example are omitted or simplified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com