Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC35679FSG Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # TC35679FSG
Description  TC35679FSG-002 Bluetooth® low energy IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC35679FSG Datasheet(HTML) 7 Page - Toshiba Semiconductor

Back Button TC35679FSG Datasheet HTML 3Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 4Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 5Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 6Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 7Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 8Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 9Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 10Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 11Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 45 page
background image
TC35679FSG-002
2018-01-17
7
Pin name
Pin No.
Attribute
Condition
Functional description
VDD category
Direction
Type
Default
(during reset)
RF interface
RFIO
7
VDDCORE
IN/OUT
Analog
—
RF I/O pins.
This product incorporates the 50 Ω matching circuit,
so that external matching circuit is unnecessary.
The RF output pattern should wire with the 50 Ω
transmission line.
For details, refer to the hardware application note of
this product.
General purpose I/O port
GPIO0
31
VDDIO
IN/OUT
Pull-up
Pull-down
Schmitt trigger
Hi-Z
General purpose I/O pin.
During reset, the pull-up and pull-down resistors are
unconnected (input disable state). The same state
continues just after the reset is released, and it will
be controlled by software after that. After the pin
configuration by software processing, it works as a
GPIO pin of the input and output or Table 2-2
function.
Pin processing when not using this function are
listed in Table 2-2. (Note)
GPIO1
GPIO2
GPIO5
GPIO6
GPIO7
GPIO8
GPIO11
GPIO12
GPIO25
40
16
36
37
38
39
35
34
2
VDDIO
IN/OUT
Pull-up
Pull-down
Schmitt trigger
Pull-up
General purpose I/O pins.
During reset, the pull-up resistor is connected (input
disable state). The pull-up resistor is connected
(input state) just after the reset is released, and it will
be controlled by software after that.After the pin
configuration by software processing, it works as a
GPIO pin of the input and output or Table 2-2
function.
Pin processing when not using this function are
listed in Table 2-2. In addition, GPIO1 pin is used in
the case of switching operation modes. (Note)
GPIO3
GPIO4
GPIO9
GPIO10
GPIO14
30
29
28
26
24
VDDIO
IN/OUT
Pull-up
Pull-down
Schmitt trigger
Hi-Z
ADC input and general purpose I/O pins.
During reset, the pull-up and pull-down resistors are
unconnected (input disable state). The same state
continues just after the reset is released, and it will
be controlled by software after that. Then the
software configures pull-up/pull-down resistors, and
the pin can function as generalADC input, or
general purpose IO.
Pin processing when not using this function are
listed in Table 2-2. (Note)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com