Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC35679FSG Datasheet(PDF) 13 Page - Toshiba Semiconductor

Part # TC35679FSG
Description  TC35679FSG-002 Bluetooth® low energy IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC35679FSG Datasheet(HTML) 13 Page - Toshiba Semiconductor

Back Button TC35679FSG Datasheet HTML 9Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 10Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 11Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 12Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 13Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 14Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 15Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 16Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 17Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 45 page
background image
TC35679FSG-002
2018-01-17
13
4.
Functional Specifications
4.1. Bluetooth
® Function
The Bluetooth® function is realized by using the hardware which is configured with RF analog and baseband, and the software on a
mask ROM. Only connecting a crystal oscillator and some discrete parts externally, the Bluetooth® wireless communication can
work.
4.1.1.
Supported Function
This function is compliant with Bluetooth® V4.2 low energy standard. Main supported functions are shown below.
Table 4-1 List of supported functions
Items
Description
Notes
Bluetooth® Core
4.2
LE is supported.
v4.0 features
Central
Supported
Peripheral
Supported
Multi Profile/point
Supported
Connection Update
Supported
Random Address
Supported
WhiteList
Supported
Security Property (Just Works)
Supported
Security Property (PassKey Entry)
Supported
Security Property (OOB)
Supported
Security Property (Numeric Comparison)
Supported
GATT-Client
Supported
GATT-Server
Supported
Broadcaster
Supported
Observer
Supported
v4.1 features
Low Duty Cycle DirectedAdvertising
Supported
32-bit UUID support in LE
Supported
LE L2CAP Connection Oriented Channel Support
Supported
LE Privacy v1.1
Supported
Connection Parameter Request Procedure
Supported
Extended Reject Indication
Supported
Slave-initiated Features Exchange
Supported
LE Ping
Supported
Act as LE Master and LE Slave at the same time
Supported
Act as LE Slave to more than one LE Master at the same time
Supported
v4.2 features
LE Data Packet Length Extension
Supported
LE Secure Connections
Supported
Link Layer Privacy
Supported
Link Layer Extended Scanner Filter Policies
Supported



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com