Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC35679FSG Datasheet(PDF) 42 Page - Toshiba Semiconductor

Part # TC35679FSG
Description  TC35679FSG-002 Bluetooth® low energy IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC35679FSG Datasheet(HTML) 42 Page - Toshiba Semiconductor

Back Button TC35679FSG Datasheet HTML 37Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 38Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 39Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 40Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 41Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 42Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 43Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 44Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 45Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 42 / 45 page
background image
TC35679FSG-002
2018-01-17
42
6.
System Configuration Example
An example of system configuration is shown in the following figures.
6.1. In case of Host CPU connection
Host interface=UART and 26 MHz Reference Clock= XOSC Connection.
XOSC (32.768 kHz) of the dotted line enclosure is unnecessary when the external input (HOST common use) is chosen.
The connections of GPIO and SWD are the example of when they are not in use.
Figure 6-1 Example of TC35679FSG system configuration (HOST CPU connection)
HOST I/F
UART_RX
UART_TX
WakeUP0
RESETX
VDD
TC35679FSG
18
VBAT
1
VDDIO1
19
LX
14
VDDCORE1
15
VDDCORE2
4
TMODE
5
VPGM
13
VSSX
20
VSSDC
27,FIN
VSSD1,VSSD2
7
RFIO
8
VSSA
9
TRTEST1
10
TRTEST2
26
GPIO10
30
GPIO3
29
GPIO4
28
GPIO9
35
GPIO11
34
GPIO12
40
GPIO1
16
GPIO2
25
GPIO13
2
GPIO25
31
GPIO0
39
38
37
36
GPIO5
3
RESETX
21
SLPXOIN
22
SLPXOOUT
12
XOOUT
11
XOIN
32.768KHz
2
X2
1
X1
ANT
Coaxial Connecter
VDD
BAT_1
2
1
SleepClockIN
23
VDDIO2
VDD
GPIO6
GPIO7
GPIO8
WakeUP1
33
GPIO15
24
GPIO14
6
VSSRFIO
32
SWDCLK
17
SWDIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com