Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC35679FSG Datasheet(PDF) 31 Page - Toshiba Semiconductor

Part # TC35679FSG
Description  TC35679FSG-002 Bluetooth® low energy IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC35679FSG Datasheet(HTML) 31 Page - Toshiba Semiconductor

Back Button TC35679FSG Datasheet HTML 27Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 28Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 29Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 30Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 31Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 32Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 33Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 34Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 35Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 45 page
background image
TC35679FSG-002
2018-01-17
31
5.
Electric Characteristics
5.1. Absolute Maximum Ratings
Absolute maximum ratings must not be exceeded even for a moment. Voltages, currents, and temperatures that exceed the
absolute maximum ratings can cause break-downs, degradations, and damages not only for ICs but also for other components
and boards. Please make sure application designs not to exceed the absolute maximum ratings in any situation.
Table 5-1 Absolute maximum ratings
(VSSX=VSSDC=VSSRFIO=VSSA=VSSD1=VSSD2=0 V)
Note1: It is not supposed that VBAT is grounded while VDDIO is supplied. It can trigger current path from VDDIO to VBAT through
internal circuitry, and may cause degradations and break-downs.
Note2: Keep VDDIO + 0.3 V < 3.9 V.
Items
Symbols (Power supply system)
Ratings
Unit
Min
Max
Power supply
VBAT
VDDIO (Note1)
-0.3
+3.9
V
Input voltage
VIN
-0.3
VDDIO + 0.3 (Note2)
V
Output voltage
VOUT
-0.3
VDDIO + 0.3 (Note2)
V
I/O pin Input current
IIN
-10
+10
mA
Input power
RFIO
—
+6
dBm
Storage temperature
Tstg
-40
+125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com