Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC35679FSG Datasheet(PDF) 29 Page - Toshiba Semiconductor

Part # TC35679FSG
Description  TC35679FSG-002 Bluetooth® low energy IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC35679FSG Datasheet(HTML) 29 Page - Toshiba Semiconductor

Back Button TC35679FSG Datasheet HTML 25Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 26Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 27Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 28Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 29Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 30Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 31Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 32Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 33Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 45 page
background image
TC35679FSG-002
2018-01-17
29
4.8. IC Reference Clock Interface
4.8.1.
Features
TC35679 has the following features for IC reference clock interface.
Clock frequency: 26 MHz (please adjust the accuracy to < 50 ppm at the temperature in use)
TC35679 doesn’t require external feedback resistors and load capacitor because it has an internal feedback resistor and capacitor
array between XOIN and XOOUT. Please adjust capacitor array based on PCB layout and assembly if necessary within the range
of the crystal’s specification.
4.8.2.
Crystal oscillator connection example
Figure 4-21 Crystal oscillator connection example
Control
Trimming
Input
XOIN
XOOUT
TC35679



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com