Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC35679FSG Datasheet(PDF) 26 Page - Toshiba Semiconductor

Part # TC35679FSG
Description  TC35679FSG-002 Bluetooth® low energy IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC35679FSG Datasheet(HTML) 26 Page - Toshiba Semiconductor

Back Button TC35679FSG Datasheet HTML 22Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 23Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 24Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 25Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 26Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 27Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 28Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 29Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 30Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 45 page
background image
TC35679FSG-002
2018-01-17
26
4.6. PWM Interface
TC35679 has a PWM interface that can be used for LED, buzzer control, etc.
The PWM interface has the following features.
Arbitrary pulse generation function
It can select the source clock from 13 MHz and 32.768 kHz
It has 12 bits clock division setting up to 1/4096
8 Hz to 16.384 kHz (32.768 kHz), 3.17 kHz to 6.5 MHz (13 MHz)
The pulse output can be masked by the regular pattern which period is one second with 50 ms unit width (rhythm function)
The interrupt can be generated in synchronization with the cycle of 1 s rhythm pattern.
It can switch the pulse output to Low / High active
Duty of the pulse output is adjustable.
4.6.1.
Pulse Generation Function
Figure 4-18 shows a brief explanation of the pulse generation. TC35679 can adjust output pulse frequency by changing its cycle.
Also it can adjust on/off ratio by changing its duty.
The frequency (cycle) can be set from 8 Hz to 16.384 kHz for 32.768 kHz clock, and from 3.17 kHz to 6.5 MHz for 13 MHz clock.
The duty can be set from 0 % to 100 %.
Cycle
Duty
Figure 4-18 PWM pulse generation function
Duty Cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com