Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC35679FSG Datasheet(PDF) 21 Page - Toshiba Semiconductor

Part # TC35679FSG
Description  TC35679FSG-002 Bluetooth® low energy IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC35679FSG Datasheet(HTML) 21 Page - Toshiba Semiconductor

Back Button TC35679FSG Datasheet HTML 17Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 18Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 19Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 20Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 21Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 22Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 23Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 24Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 25Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 45 page
background image
TC35679FSG-002
2018-01-17
21
4.4. SPI Interface
4.4.1.
Features
TC35679 has the following main features for a serial memory interface
Operation voltage:
1.8 to 3.6 V
SPI interface
Chip select:
1 ch
Chip select polarity:
Selectable: High-active and Low-active
Serial clock master operation: Polarity and phase are adjustable (4 combinations are selectable)
Serial clock frequency:
25 Hz to 6.5 MHz
Serial data transfer mode:
MSB-first, LSB-first
SPI interface can operate at 1.8 to 3.6 V depending on VDDIO, however, because the power supply pin is shared with SPI
interface and the other hardware interfaces, SPI interface cannot operate at a different voltage from the others.
4.4.2.
Connection Example
TC35679 SPI interface can be connected to serial EEPROMs and serial Flash-ROMs and has 1 chip select port. Figure 4-11
shows a connection example, where a serial Flash-ROM is connected to TC35679 SPI interface.
Figure 4-11 Connection example for serial Flash-ROM using SPI interface
Chip select (SPI-SCS)
Serial clock (SPI-SCLK)
Write data (SPI-DOUT)
Read data (SPI-DIN)
Serial
Flash-ROM
TC35679



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com