Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC35679FSG Datasheet(PDF) 14 Page - Toshiba Semiconductor

Part # TC35679FSG
Description  TC35679FSG-002 Bluetooth® low energy IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC35679FSG Datasheet(HTML) 14 Page - Toshiba Semiconductor

Back Button TC35679FSG Datasheet HTML 10Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 11Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 12Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 13Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 14Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 15Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 16Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 17Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 18Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 45 page
background image
TC35679FSG-002
2018-01-17
14
4.1.2.
Support Protocol Layer
Following figure shows the Bluetooth Protocol and Profile Layer supported.
It has RF control, Link layer, internal HCI, L2CAP, ATT, SMP and GATT.
Figure 4-1 Protocol Layer
4.1.3.
RF
Since the RF analog part of TC35679 builds in not only transmission and reception circuits but also the RF switch and the matching
circuit, the RFIO pin which is a single I/O does not need an external matching circuit. The wireless device which suits for RF-PHY
specifications of Bluetooth low energy can be realized easily by connecting to 50 Ω wiring.
The transmission power can be selected from intended power between 0 and -20 dBm (4 dB steps). Not only default transmission
power but also transmission power to the specified destination can be set. The RSSI of reception block has an accuracy of ± 2 dB
(typ.) to the input signal between -90 and -10 dBm.
4.1.4.
Auto Advertise Function
Using an auto advertise function enables repeating transmissions of advertise packets with very small power. The auto advertise
function is a function which transmits intended advertise packets without waking CPU up in Backup mode. Then, a scan request
and a connection request can be also received. The response to the remote device can be preset in case of receiving a scan
request, and when one connection request is received, this function wakes CPU up and leaves a subsequent process to the user
software.
CommandAPI
Option: User-Application (User-App)
Service Database
GATT
ATT
SMP
Connection
Update
GAP
UART Driver
L2CAP
Internal HCI
Link layer
RF control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com