Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC35679FSG Datasheet(PDF) 27 Page - Toshiba Semiconductor

Part # TC35679FSG
Description  TC35679FSG-002 Bluetooth® low energy IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC35679FSG Datasheet(HTML) 27 Page - Toshiba Semiconductor

Back Button TC35679FSG Datasheet HTML 23Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 24Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 25Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 26Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 27Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 28Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 29Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 30Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 31Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 45 page
background image
TC35679FSG-002
2018-01-17
27
4.6.2.
Rhythm Function (Output Masking)
Figure 4-19 shows the brief explanation of PWM rhythm function. In addition to the one for pulse generation, TC35679 has another
timer that has 50 ms × 20 = 1 s (rhythm counter). That timer has 20 bits register (pattern register), each bit corresponds to the rhythm
counter that counts down in every 50 ms. When the pattern register is zero, the PWM output is masked to zero or one. Using this
function, LED or buzzer can be on with 1 s periodical pattern.
1
0
1
50ms
Cycle time
1
0
1
1
0
1
0
1
19
18
17
16
15
1
0
19
Rhythm Counter
Pattern Register
PWM Output
50ms
1s (50ms*20)
Interrupt
PWM Generate
Note
If the rhythm pattern set period (50ms) ÷ pulse cycle time = not an integral,
at the pattern register boundary (0 to 1, 1 to 0), duty cycle of the pulse will
not be as setting. Duty ratio of the pulse will not be as set.
Pattern Register
PWM Output
PWM Generate
Figure 4-19 PWM Rhythm Function
1 s (50 ms × 20)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com