Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC35679FSG Datasheet(PDF) 34 Page - Toshiba Semiconductor

Part # TC35679FSG
Description  TC35679FSG-002 Bluetooth® low energy IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC35679FSG Datasheet(HTML) 34 Page - Toshiba Semiconductor

Back Button TC35679FSG Datasheet HTML 30Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 31Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 32Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 33Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 34Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 35Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 36Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 37Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 38Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 45 page
background image
TC35679FSG-002
2018-01-17
34
Table 5-4 shows DC electric characteristics for each pin at 25°C ambient temperature.
Table 5-4 DC Electric Characteristics (VBAT = VDDIO1= VDDIO2 = 3.0 V)
(VSSX=VSSDC=VSSRFIO=VSSA=VSSD1=VSSD2=0 V)
Item
Symbol
Condition
Measuring Pin
(Note 1)
Rating
Unit
I/F Voltage
Other
Condition
Min
Typ.
Max
High Level
Input Voltage
VIH
3.0 V
LVCMOS
VDDIO
0.8×VDDIO
—
—
V
Low Level
Input Voltage
VIL
3.0 V
LVCMOS
VDDIO
—
—
0.2×VDDIO
High Level
Input Current
IIH
VDDIO =
Input Voltage
of each pin
Pull-down Off
VDDIO
-10
—
10
µA
Pull-down On
10
—
200
Low Level
Input Current
IIL
Pull-up Off
-10
—
10
Pull-up On
-200
—
-10
High Level
Output
Voltage
VOH
3.0 V
IOH = 1 mA
VDDIO
VDDIO-0.6
—
—
V
Low Level
Output
Voltage
VOL
3.0 V
IOL = 1 mA
VDDIO
—
—
0.4
V
External
32 kHz Clock
Input level
(Note2)
VIH
SLPCLK
3.0 V
—
SLPXOIN
0.8×VDDIO
—
—
V
VIL
SLPCLK
3.0 V
—
SLPXOIN
—
—
0.2×VDDIO
V
Note1: Please refer to Table 2-4 for power supply line for each pin. It shows the power supply system of each functional pin.
Note 2: External oscillator is used for this case instead of crystal oscillator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com