Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC35679FSG Datasheet(PDF) 18 Page - Toshiba Semiconductor

Part # TC35679FSG
Description  TC35679FSG-002 Bluetooth® low energy IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC35679FSG Datasheet(HTML) 18 Page - Toshiba Semiconductor

Back Button TC35679FSG Datasheet HTML 14Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 15Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 16Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 17Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 18Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 19Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 20Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 21Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 22Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 45 page
background image
TC35679FSG-002
2018-01-17
18
4.3.5.
UART Baud Rate Setting
TC35679 UART interface has a programmable baud rate setting function. The UART baud rate is generated from 26 MHz clock,
and can be set according to the following equation depending on over sampling number and dividing ratio.
Ratio
Dividing
Number
Sampling
Over
Frequency
Clock
Generating
Rate
Baud
BaudRate
UART
×
=
 
 
Table 4-2 shows examples of UART Baud rate settings. If other target baud rates are required, please contact our engineering
department.
Table 4-2 UART Baud rate settings
Target baud rate
[bps]
Actual baud rate
[bps]
Over sampling rate
Frequency
dividing ratio
9600
9587.021
12
226
14400
14396.46
14
129
19200
19174.04
12
113
28800
28856.83
17
53
38400
38461.54
13
52
57600
57777.78
15
30
76800
76923.08
13
26
115200
115555.6
15
15
153600
153846.15
13
13
230400
232142.9
16
7
307200
305882.4
17
5
460800
464285.7
14
4
921600
928571.4
14
2
Note: Error of target baud rate and the actual baud rate is to be set to within 1 %.
4.3.6.
TX message spacing function
TC35679 spaces more than 12 time frames between different TX messages making less than 12 time frames between TX frames
in a TX message when several TX frames belong to one TX message. Host CPU is able to know the boundaries between TX
messages by measuring time frames between TX frames.
Figure 4-8 TX frames and TX messages
UART TX data
UART TX massage
UART TX message
< 12 time frames
< 12 time frames
< 12 time frames
> 12 time frames
1 time frame



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com