Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC35679FSG Datasheet(PDF) 30 Page - Toshiba Semiconductor

Part # TC35679FSG
Description  TC35679FSG-002 Bluetooth® low energy IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC35679FSG Datasheet(HTML) 30 Page - Toshiba Semiconductor

Back Button TC35679FSG Datasheet HTML 26Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 27Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 28Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 29Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 30Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 31Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 32Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 33Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 34Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 45 page
background image
TC35679FSG-002
2018-01-17
30
4.9. Sleep Clock Interface
TC35679 has the following features for sleep clock interface.
Crystal oscillator can be connected.
Clock frequency: 32.768 kHz (please adjust the frequency accuracy to < 500 ppm at the temperature in use)
Crystal oscillator is connected between SLPXOIN pin and SLPXOOUT pin. TC35679 doesn’t require external feedback resistors
and load capacitor because it has an internal feedback resistor and capacitor array between SLPXOIN pin and SLPXOOUT pin.
Please adjust capacitor array based on PCB layout and assembly if necessary within the range of the crystal’s specification.
When an external oscillator is connected, connect it to SLPXOIN and SLPXOOUT should be connected to the GND. When
oscillator is not used and do not supply a clock from the outside, these pins need to be connected to the GND.
4.9.1.
Crystal oscillator connection example
Figure 4-22 Crystal oscillator connection example
4.9.2.
External oscillator connection example
Figure 4-23 External oscillator connection example
External oscillator
Control
Trimming
Input
SLPXOIN
SLPXOOUT
TC35679
TC35679
SLPXOIN
SLPXOOUT
Control
Trimming
Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com