Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC35679FSG Datasheet(PDF) 33 Page - Toshiba Semiconductor

Part # TC35679FSG
Description  TC35679FSG-002 Bluetooth® low energy IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC35679FSG Datasheet(HTML) 33 Page - Toshiba Semiconductor

Back Button TC35679FSG Datasheet HTML 29Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 30Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 31Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 32Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 33Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 34Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 35Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 36Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 37Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 45 page
background image
TC35679FSG-002
2018-01-17
33
5.3. DC electric characteristics
5.3.1.
Current Consumption (Design value)
This section shows current consumption. When the operating temperature (Ta) is 25°C, and the operation of each power supply
pin is in the recommendation connection state of our company, the current consumption is an average value.
Table 5-3 Current consumption (VBAT = VDDIO1=VDDIO2 = 3.0 V)
(VSSX=VSSDC=VSSRFIO=VSSA=VSSD1=VSSD2=0 V)
Items
Symbols
Conditions
Pins
(Note)
Ratings
Unit
Min
Typ.
Max
Digital operation
IDDDIG
(Active1)
—
VBAT
—
0.7
—
mA
RX
IDDRX
(Active2)
—
—
3.3
—
TX
IDDTX
(Active3)
Output Power=
0 dBm
—
3.3
—
Low power mode
With Connection
IDDS1
(Sleep)
26 MHz crystal oscillator disabled
32 kHz crystal oscillator enabled
When 144 KB-RAM retention is
performed
VBAT
—
1.8
—
µA
Low power mode
Without Connection
IDDS2
(Backup)
26 MHz crystal oscillator disabled
32 kHz crystal oscillator enabled
When 64 KB-RAM retention is
performed
—
1.3
—
Low power mode
Without Connection
IDDS
(Deep Sleep)
26 MHz crystal oscillator disabled
32 kHz crystal oscillator disabled
—
0.05
—
Note: Current consumption of IO part inActive operation can be changed by buffer setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com