Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC35679FSG Datasheet(PDF) 23 Page - Toshiba Semiconductor

Part # TC35679FSG
Description  TC35679FSG-002 Bluetooth® low energy IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC35679FSG Datasheet(HTML) 23 Page - Toshiba Semiconductor

Back Button TC35679FSG Datasheet HTML 19Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 20Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 21Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 22Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 23Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 24Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 25Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 26Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 27Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 45 page
background image
TC35679FSG-002
2018-01-17
23
4.5. I
2C Interface
4.5.1.
Features
TC35679 has the following main features for a serial memory interface.
Operation voltage:
1.8 to 3.6 V
I2C interface
Operation mode:
I2C bus master
Serial clock (I2C-SCL) frequency:
Standard mode (Max 100 kHz), Fast mode (Min 100 kHz to Max 400 kHz)
Output mode:
Open-drain output, CMOS output
Device address format:
7 bits address (10 bits address is not supported)
I2C interface can operate at 1.8 to 3.6 V depending on VDDIO, however, because the power supply pin is shared with I2C interface
and the other hardware interfaces, I2C interface cannot operate at a different voltage from the others.
4.5.2.
Connection Example
Figure 4-14 shows a connection example of a serial EEPROM using I2C bus interface of the open-drain mode. External pull-up
resistors (Rext) are necessary for both serial clock line and serial data line.
Figure 4-15 shows another connection example where I2C bus is in the CMOS output mode. Only the serial data line needs Rext
because this line can be driven by neither TC35679 nor a serial EEPROM.
Figure 4-14 Connection example for serial EEPROM with I
2
C-bus interface (Open-drain output)
Figure 4-15 Connection example for serial EEPROM with I
2
C-bus interface (CMOS output)
TC35679
Serial clock
Serial data read, write
Serial
EEPROM
Rext
VDDIO
Serial
EEPROM
TC35679
Serial clock
Serial data read, write
Serial
EEPROM
Rext
Rext
VDDIO
VDDIO
Serial
EEPROM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com