Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC35679FSG Datasheet(PDF) 41 Page - Toshiba Semiconductor

Part # TC35679FSG
Description  TC35679FSG-002 Bluetooth® low energy IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC35679FSG Datasheet(HTML) 41 Page - Toshiba Semiconductor

Back Button TC35679FSG Datasheet HTML 37Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 38Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 39Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 40Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 41Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 42Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 43Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 44Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 45Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 41 / 45 page
background image
TC35679FSG-002
2018-01-17
41
5.7.3.
SPI Interface
Table 5-12 SPI Interface
Symbols
Items
Min
Typ.
Max
Unit
tSPICLKCYC
SPI clock cycle
154
—
—
ns
tSPICLKHPW
SPI clock high pulse width
77
—
—
ns
tSPICLKLPW
SPI clock low pulse width
77
—
—
ns
tSPICSS
SPI chip select setup time
38
—
—
ns
tSPICSH
SPI chip select hold time
77
—
—
ns
tSPIIW
SPI transfer idle pulse width
54
—
—
ns
tSPIAS
SPI address setup time
38
—
—
ns
tSPIAH
SPI address hold time
77
—
—
ns
tSPIDS
SPI data setup time
38
—
—
ns
tSPIDH
SPI data hold time
77
—
—
ns
Note: SPI Interface operates on the basis of 1/n frequency of half the frequency of ARM® Cortex®-M0 core clock (6.5 MHz for 13
MHz core clock)
Figure 5-4 SPI Interface timing diagram
SCLK
tSPICSS
tSPIAS
tSPIAH
A7
tSPICSH
A6
A5
A4
WR
A0
D15
D14
D1
D0
A7
A6
SCS
DOUT
Write
tSPICLKHPW
tSPICLKLPW
tSPIDS
tSPIDH
tSPIIW
SCLK
tSPICSS
tSPIAS
tSPIAH
A7
tSPICSH
A6
A5
A4
WR
A0
D15
A7
A6
SCS
DIN
Read
tSPICLKHPW
tSPICLKLPW
tSPIDS
tSPIDH
tSPIIW
tSPICLKCYC
tSPICLKCYC
D14
D0
D1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com