Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC35679FSG Datasheet(PDF) 24 Page - Toshiba Semiconductor

Part # TC35679FSG
Description  TC35679FSG-002 Bluetooth® low energy IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC35679FSG Datasheet(HTML) 24 Page - Toshiba Semiconductor

Back Button TC35679FSG Datasheet HTML 20Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 21Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 22Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 23Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 24Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 25Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 26Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 27Page - Toshiba Semiconductor TC35679FSG Datasheet HTML 28Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 45 page
background image
TC35679FSG-002
2018-01-17
24
4.5.3.
Selection of External Pull-up Resistor Value
An external pull-up resistor value needs to be selected by the following equations in case of I2C bus interface. Its maximum value is
defined by equation (1), in which tr is rise time of serial clock and data and Cb is I
2C bus capacity. Its minimum value is defined by
equation (2), in which VDDIO is a supply voltage for TC35679, Vol_max is the maximum value of low level output voltage, and Iol is
the low level output current. Please set the pull-up resistor value between these lower and upper limits.
b
r
C
t
×
=
8473
.
0
Rext_max
(1)
ol
ol
I
V
VDDIO
max
_
ext_min
R
−
=
(2)
TC35679 supports I2C bus standard mode (Max 100 kHz) and I2C bus fast mode (Min 100 kHz to Max 400 kHz). The rise time tr is
1000 ns for the standard mode and it is 300 ns for the fast mode. Cb can vary depending on the IC board and how it is
implemented. Table 4-3 and Table 4-4 show examples when I2C bus capacity is 20 pF.
Table 4-3 External pull-up resistor value for I
2
C standard mode (Cb = 20 pF)
I
2Cbus frequency
Max 100 kHz
tr [ns]
1000
Cb [pF]
20
VDDIO [V]
1.8
3.0
3.6
Vol_max [V]
0.3
0.4
0.4
Iol [mA]
1
2
4
1
2
4
1
2
4
Rext_min [kΩ]
1.50 0.75 0.38 2.60 1.30 0.65 3.20 1.60 0.80
Rext_max [kΩ]
59.01
Table 4-4 External pull-up resistor value for I
2
C fast mode (Cb = 20 pF)
I
2Cbus frequency
Min 100 to Max 400 kHz
tr [ns]
300
Cb [pF]
20
VDDIO [V]
1.8
3.0
3.6
Vol_max [V]
0.3
0.4
0.4
Iol [mA]
1
2
4
1
2
4
1
2
4
Rext_min [kΩ]
1.50 0.75 0.38 2.60 1.30 0.65 3.20 1.60 0.80
Rext_max [kΩ]
17.70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com