Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EWSSZ Datasheet (PDF) - EnOcean GmbH.

EWSSZ Datasheet PDF - EnOcean GmbH.
Part # EWSSZ
Download  EWSSZ Download
File Size   202.93 Kbytes
Page   1 Pages
Manufacturer  ENOCEAN [EnOcean GmbH.]
Direct Link  https://www.enocean.com/
Logo ENOCEAN - EnOcean GmbH.
Description Batteryless Wall Switches for ZigBee

EWSSZ Datasheet (PDF)

Go To PDF Page Download Datasheet
EWSSZ Datasheet PDF - EnOcean GmbH.

Part # EWSSZ
Download  EWSSZ Click to download

File Size   202.93 Kbytes
Page   1 Pages
Manufacturer  ENOCEAN [EnOcean GmbH.]
Direct Link  https://www.enocean.com/
Logo ENOCEAN - EnOcean GmbH.
Description Batteryless Wall Switches for ZigBee

EWSSZ Datasheet (HTML) - EnOcean GmbH.


EWSSZ Product details

Feature Overview

Radio Transmitter
EWSxZ: PTM 215ZE module, EWSxZG: PTM216Z
Energy Source
Electro-dynamic energy generator, maintenance free
Frequency / Protocol
2.4 GHz / ZigBee Green Power (ZGP)
Range
Within one room (up to 10 m line of sight)
Channels
2 or 4 (single or double rocker with medial position, pressed/released)
Dimensions of Rocker
50 x 50 mm
Dimensions of Frame Insert
55 x 55 mm
Dimensions of Central Plate
71 x 71 mm
Dimensions of Frame
81 x 81 mm
Total Installation Height
14 mm (frame lies directly against the wall)
Mounting
Gluing (double-sided mounting film enclosed), Screwing onto flat surface
Operating conditions
Temperature: -25 … +65°C Humidity: 0 … 95% r.h., non-condensing (dry environment only)
Lifetime
> 50.000 actuations (switching cycles) according to EN 60669 / VDE 0632
Approvals
RED, FCC, ISED
Packaging
Each unit packed in a bag, 10 units packed in a card box




Similar Part No. - EWSSZ

ManufacturerPart #DatasheetDescription
logo
EnOcean GmbH.
EWSSB ENOCEAN-EWSSB Datasheet
945Kb / 1P
Easyfit Bluetooth® Single / Double Rocker Wall Switch
January 2018
More results


Similar Description - EWSSZ

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT86RF231-ZU ATMEL-AT86RF231-ZU_09 Datasheet
4Mb / 198P
Low Power 2.4 GHz Transceiver for ZigBee
logo
California Eastern Labs
ZICM2410P0-KIT2-1 CEL-ZICM2410P0-KIT2-1 Datasheet
1Mb / 16P
Integrated Transceiver Modules for ZigBee/IEEE 802.15.4
logo
List of Unclassifed Man...
TWS-DR-W ETC2-TWS-DR-W Datasheet
299Kb / 2P
ZenNet Self-powered Wireless Wall Switches
logo
Tripp Lite. All Rights ...
SRWO8UBRKT TRIPPLITE-SRWO8UBRKT Datasheet
165Kb / 2P
8U Wall-Mount Bracket for Small Switches and Patch Panels, Hinged
logo
NXP Semiconductors
JN5169-001-M0X-2 NXP-JN5169-001-M0X-2 Datasheet
801Kb / 27P
ZigBee 3.0, ZigBee PRO and IEEE802.15.4 modules
Rev.3.0-19 September 2016
JN5179-001-M1X NXP-JN5179-001-M1X Datasheet
788Kb / 28P
ZigBee 3.0, ZigBee PRO, Thread and IEEE802.15.4 modules
Rev. 2.0-26 October 2016
logo
List of Unclassifed Man...
CC2650DK ETC1-CC2650DK Datasheet
73Kb / 1P
KIT DEV FOR SMART/ZIGBEE/6LOWPAN
logo
Schneider Electric
ZBRT1 SCHNEIDER-ZBRT1 Datasheet
218Kb / 5P
Harmony XB4, Transmitter for wireless and batteryless push button, plastic, black
Jan 26, 2022
logo
EnOcean GmbH.
PTM535BZ ENOCEAN-PTM535BZ Datasheet
161Kb / 1P
Transmitter module for BLE and Zigbee
May 2021
logo
Advantech Co., Ltd.
EPD-210 ADVANTECH-EPD-210 Datasheet
304Kb / 2P
2.9" ePaper Display (Batteryless)
27-Jun-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com