Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EWSSZ Datasheet(PDF) 1 Page - EnOcean GmbH.

Part # EWSSZ
Description  Batteryless Wall Switches for ZigBee
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENOCEAN [EnOcean GmbH.]
Direct Link  https://www.enocean.com/
Logo ENOCEAN - EnOcean GmbH.

EWSSZ Datasheet(HTML) 1 Page - EnOcean GmbH.

  EWSSZ Datasheet HTML 1Page - EnOcean GmbH.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DATA SHEET
© EnOcean | www.enocean.com
Subject to modifications | October 2019
Batteryless Wall Switches for
ZigBee
EWSxZ / EWSxZG
EWSxZ / EWSxZG Easyfit Wall Switches are
universal
energy
harvesting
wireless
switches for systems communicating based
on the 2.4 GHz ZigBee Green Power radio
standard (ZGP).
They are based on the maintenance free,
self-powered
pushbutton
transmitter
module PTM 215ZE or PTM 216Z and
delivered as single rocker or double rocker
variant using the European 55 x 55 form
factor for frame inserts.
The used PTM modules contain an electro-
dynamic energy transducer which is actuated by
the rocker movement. Whenever a rocker is
pushed down or released, electrical energy is
created and ZGP radio frame is transmitted
identifying the rocker status (pushed or released).
„Long“ or „Short“ rocker press (the time between
pushing and releasing the rocker) can be
calculated
by
the
receiver.
This
enables
switching, dimming control or jalousie control
including slat action.
The enclosed switch frame can be replaced by
frames of the following design programs:
Manufacturer
Product Program
BERKER
S.1, B.1, B.3, B.7 Glas
GIRA
Standard 55, E2, E3, Event,
Esprit, ClassiX
Jäger Direkt
Opus 55 Inform, Opus 55
Kubus, Opus 55 Fusion
JUNG
AS 500, A 500, A plus,
A creation, A creation Glas
MERTEN
1-M, M-Smart, M-Arc, M-Plan,
M-Creativ, M-Pure
Ordering Information
TYPE
Single Wall Switch EWSSZ
Double Wall Switch EWSDZ
Single Wall Switch EWSSZG
Double Wall Switch EWSDZG
ORDERING CODE
E8271-A270
E8271-A280
E8271-A276
E8271-A286
Feature Overview
Radio Transmitter
EWSxZ: PTM 215ZE module, EWSxZG: PTM216Z
Energy Source
Electro-dynamic energy generator, maintenance free
Frequency / Protocol
2.4 GHz / ZigBee Green Power (ZGP)
Range
Within one room (up to 10 m line of sight)
Channels
2 or 4 (single or double rocker with medial position, pressed/released)
Dimensions of Rocker
50 x 50 mm
Dimensions of Frame Insert
55 x 55 mm
Dimensions of Central Plate
71 x 71 mm
Dimensions of Frame
81 x 81 mm
Total Installation Height
14 mm (frame lies directly against the wall)
Mounting
Gluing (double-sided mounting film enclosed),
Screwing onto flat surface
Operating conditions
Temperature: -25 … +65°C
Humidity:
0 … 95% r.h., non-condensing (dry environment only)
Lifetime
> 50.000 actuations (switching cycles) according to EN 60669 /
VDE 0632
Approvals
RED, FCC, ISED
Packaging
Each unit packed in a bag, 10 units packed in a card box


Similar Part No. - EWSSZ

ManufacturerPart #DatasheetDescription
logo
EnOcean GmbH.
EWSSB ENOCEAN-EWSSB Datasheet
945Kb / 1P
Easyfit Bluetooth® Single / Double Rocker Wall Switch
January 2018
More results

Similar Description - EWSSZ

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT86RF231-ZU ATMEL-AT86RF231-ZU_09 Datasheet
4Mb / 198P
Low Power 2.4 GHz Transceiver for ZigBee
logo
California Eastern Labs
ZICM2410P0-KIT2-1 CEL-ZICM2410P0-KIT2-1 Datasheet
1Mb / 16P
Integrated Transceiver Modules for ZigBee/IEEE 802.15.4
logo
List of Unclassifed Man...
TWS-DR-W ETC2-TWS-DR-W Datasheet
299Kb / 2P
ZenNet Self-powered Wireless Wall Switches
logo
Tripp Lite. All Rights ...
SRWO8UBRKT TRIPPLITE-SRWO8UBRKT Datasheet
165Kb / 2P
8U Wall-Mount Bracket for Small Switches and Patch Panels, Hinged
logo
NXP Semiconductors
JN5169-001-M0X-2 NXP-JN5169-001-M0X-2 Datasheet
801Kb / 27P
ZigBee 3.0, ZigBee PRO and IEEE802.15.4 modules
Rev.3.0-19 September 2016
JN5179-001-M1X NXP-JN5179-001-M1X Datasheet
788Kb / 28P
ZigBee 3.0, ZigBee PRO, Thread and IEEE802.15.4 modules
Rev. 2.0-26 October 2016
logo
List of Unclassifed Man...
CC2650DK ETC1-CC2650DK Datasheet
73Kb / 1P
KIT DEV FOR SMART/ZIGBEE/6LOWPAN
logo
Schneider Electric
ZBRT1 SCHNEIDER-ZBRT1 Datasheet
218Kb / 5P
Harmony XB4, Transmitter for wireless and batteryless push button, plastic, black
Jan 26, 2022
logo
EnOcean GmbH.
PTM535BZ ENOCEAN-PTM535BZ Datasheet
161Kb / 1P
Transmitter module for BLE and Zigbee
May 2021
logo
Advantech Co., Ltd.
EPD-210 ADVANTECH-EPD-210 Datasheet
304Kb / 2P
2.9" ePaper Display (Batteryless)
27-Jun-2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com