Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3DPX1203 Datasheet (PDF) - Diodes Incorporated

PI3DPX1203 Datasheet PDF - Diodes Incorporated
Part # PI3DPX1203
Download  PI3DPX1203 Download
File Size   3937.09 Kbytes
Page   41 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description DisplayPort 1.4 Linear ReDriver for Source, Active Cable & Sink-side Applications

PI3DPX1203 Datasheet (PDF)

Go To PDF Page Download Datasheet
PI3DPX1203 Datasheet PDF - Diodes Incorporated

Part # PI3DPX1203
Download  PI3DPX1203 Click to download

File Size   3937.09 Kbytes
Page   41 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description DisplayPort 1.4 Linear ReDriver for Source, Active Cable & Sink-side Applications

PI3DPX1203 Datasheet (HTML) - Diodes Incorporated


PI3DPX1203 Product details

Features
Compliant with VESA DisplayPort 1.4 specification up to 10
Gbps Link Rate
Linear ReDriver allows flexible placement with Main Link
boost setting
Ideal for DP/USB Type-C Source and Sink-side application
with PD Controllers with Aux Link Training Transparent
Mode support
Linear Equalizer Increases Main Link Margin with sinkside
DFE (Decision Feedback Equalizer)
Independent Main Link channel configuration for 4-bit
Equalization, 2-bit Voltage Output swing and 2-bit Flat
Gain control
Pin strap or I2C programmable for device Configuration
setting
Intra- and Inter-Channel Polarity swap support
I2C Address selectable for configuration register access
Power Supply Voltage: 3.3V
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
For automotive applications requiring specific change control

Applications
Display, Monitors
Active Adaptors, Dongles, Docking
Notebook, DeskTop, AIO PC




Similar Part No. - PI3DPX1203

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI3DPX1203B DIODES-PI3DPX1203B Datasheet
3Mb / 51P
Low power DisplayPort 1.2 Redriver with DDC/AUX CH Switch
Rev 2-1
More results


Similar Description - PI3DPX1203

ManufacturerPart #DatasheetDescription
logo
Champion Microelectroni...
CM8562B CHAMP-CM8562B_08 Datasheet
232Kb / 8P
1.8A SINK & SOURCE ADJUSTABLE LINEAR REGULATOR
logo
Texas Instruments
SN65DP141 TI1-SN65DP141 Datasheet
920Kb / 32P
DisplayPort Linear Redriver
logo
Pericom Semiconductor C...
PI2EQXDP101-A PERICOM-PI2EQXDP101-A Datasheet
828Kb / 11P
1 to 1 DisplayPort ReDriver
PI3HDMI511 PERICOM-PI3HDMI511 Datasheet
890Kb / 16P
HDMI1.4 Redriver Source-side Application
logo
Texas Instruments
TDP142 TI1-TDP142 Datasheet
866Kb / 34P
DisplayPort 8.1 Gbps Linear Redriver
logo
NXP Semiconductors
PTN3816 NXP-PTN3816 Datasheet
533Kb / 33P
DisplayPort 20Gbps 4-lane linear redriver
PTN38003A NXP-PTN38003A Datasheet
770Kb / 55P
Multi-protocol USB3.2 and DisplayPort linear redriver
Rev.2.1-8 December 2021
logo
IOGEAR
G2LDPDP14 IOGEAR-G2LDPDP14 Datasheet
143Kb / 2P
DisplayPort 1.4 Male-to-Male 6 Ft. Cable
GDP14RPT IOGEAR-GDP14RPT Datasheet
150Kb / 2P
DisplayPort 1.4 8K Repeater
logo
Texas Instruments
TDP2004 TI1-TDP2004 Datasheet
1Mb / 29P
TDP2004 Four-Channel 20Gbps DisplayPort 2.1 Linear Redriver
NOVEMBER 2023
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com