Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDP2004 Datasheet (PDF) - Texas Instruments

TDP2004 Datasheet PDF - Texas Instruments
Part # TDP2004
Download  TDP2004 Download
File Size   1986.13 Kbytes
Page   29 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TDP2004 Four-Channel 20Gbps DisplayPort 2.1 Linear Redriver

TDP2004 Datasheet (PDF)

Go To PDF Page Download Datasheet
TDP2004 Datasheet PDF - Texas Instruments

Part # TDP2004
Download  TDP2004 Click to download

File Size   1986.13 Kbytes
Page   29 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TDP2004 Four-Channel 20Gbps DisplayPort 2.1 Linear Redriver

TDP2004 Datasheet (HTML) - Texas Instruments


TDP2004 Product details

1 Features
• Supports DisplayPort 2.1 up to 20Gbps - RBR,
HBRx, UHBRx
• Protocol agnostic linear equalizer supporting most
AC coupled interfaces up to 20Gbps
• Excellent electrical performance at 20Gbps (10
GHz Nyquist):
– 19 dB equalization
– 1.8 V DC linearity, 1.08 V AC linearity
– -15 / -16 dB Rx / Tx return loss
– -60 dB NEXT, -43 dB FEXT cross talk
– 70 fs low additive RJ with PRBS data
• Transparent to DisplayPort 1.4 and 2.1 link training
• Single 3.3 V supply with low active power: 160
mW / channel
• Internal voltage regulator provides immunity to
supply noise
• High linearity easing DP compliance ratio tests
• High channel BW resulting excellent linear EQ
curves
• Pin-strap, I2C or EEPROM programming
– 18 EQ boost settings
– 5 flat gain settings
• TDP2004: 0 to 70 °C commercial temperature
• TDP2004I: –40 to 85 °C industrial temperature
• 4 mm × 6 mm, 40 pin WQFN package
2 Applications
• Desktop PC or motherboard
• PC, notebooks, and tablets
• Docking stations
• TV, gaming, home theater, and entertainment
• Pro audio, video, and signage
• Test and measurement
• Medical
• Flat panel monitors
3 Description
The TDP2004 is a four-channel low-power highperformance
linear repeater or redriver designed to
support DisplayPort 2.1 up to 20Gbps.
The TDP2004 receivers deploy continuous time
linear equalizers (CTLE) to provide a programmable
high-frequency boost. The equalizer can open an
input eye that is completely closed due to intersymbol
interference (ISI) induced by an interconnect
medium, such as PCB traces. The CTLE receiver
is followed by a linear output driver. The linear
data-paths of TDP2004 preserve transmit preset
signal characteristics. High bandwidth, low channelto-
channel cross-talk, low additive jitter and excellent
return loss makes the device almost a passive
element in the link, but with its useful equalization.
The DisplayPort link training is effective through the
linear redriver that becomes part of the passive
channel in between source Tx and sink Rx. This
transparency in the link training protocol results in
best electrical link and lowest possible latency. The
data-path of the device uses an internally regulated
power rail that provides high immunity to any supply
noise on the board.
The device also has low AC and DC gain variation
providing consistent equalization in high volume
platform deployment.




Similar Part No. - TDP2004

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TDP2004 TI2-TDP2004 Datasheet
2Mb / 34P
TDP2004-Q1 Automotive Four-Channel 20Gbps DisplayPort 2.1 Linear Redriver
SEPTEMBER 2025
TDP2004-Q1 TI2-TDP2004-Q1 Datasheet
2Mb / 34P
TDP2004-Q1 Automotive Four-Channel 20Gbps DisplayPort 2.1 Linear Redriver
SEPTEMBER 2025
TDP2004RGFRQ1 TI2-TDP2004RGFRQ1 Datasheet
2Mb / 34P
TDP2004-Q1 Automotive Four-Channel 20Gbps DisplayPort 2.1 Linear Redriver
SEPTEMBER 2025
TDP2004RGFTQ1 TI2-TDP2004RGFTQ1 Datasheet
2Mb / 34P
TDP2004-Q1 Automotive Four-Channel 20Gbps DisplayPort 2.1 Linear Redriver
SEPTEMBER 2025
More results


Similar Description - TDP2004

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65DP141 TI1-SN65DP141 Datasheet
920Kb / 32P
DisplayPort Linear Redriver
logo
Pericom Semiconductor C...
PI2EQXDP101-A PERICOM-PI2EQXDP101-A Datasheet
828Kb / 11P
1 to 1 DisplayPort ReDriver
logo
Texas Instruments
TDP142 TI1-TDP142 Datasheet
866Kb / 34P
DisplayPort 8.1 Gbps Linear Redriver
DS160PR822 TI-DS160PR822 Datasheet
1Mb / 31P
DS160PR822 PCIe 4.0 16-Gbps 8-Channel Linear Redriver with Four 2x2 Crosspoint
logo
NXP Semiconductors
PTN3816 NXP-PTN3816 Datasheet
533Kb / 33P
DisplayPort 20Gbps 4-lane linear redriver
PTN38003A NXP-PTN38003A Datasheet
770Kb / 55P
Multi-protocol USB3.2 and DisplayPort linear redriver
Rev.2.1-8 December 2021
logo
Diodes Incorporated
PI2DPX2020 DIODES-PI2DPX2020 Datasheet
1Mb / 39P
1.8V 20Gbps USB4/TBT4/DP2.0 DP-Alt Linear ReDriver with AUX-SBU Switch
Rev 5 - 2 July 2022
PI2DPX2023 DIODES-PI2DPX2023 Datasheet
1Mb / 23P
1.8V 20Gbps DP2.0 Linear ReDriver with AUX Listener & Pin Strap control
Rev 4 - 2 July 2022
PI2DPX2063 DIODES-PI2DPX2063 Datasheet
1Mb / 36P
1.8V 20Gbps DP2.0 Linear ReDriver with AUX Listener & I2C Control
Rev 2 - 2 July 2022
logo
Texas Instruments
DS320PR410 TI-DS320PR410 Datasheet
2Mb / 32P
DS320PR410 Four-Channel Linear Redriver for PCIe™ 5.0, CXL 2.0
OCTOBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com