Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS320PR410 Datasheet (PDF) - Texas Instruments

DS320PR410 Datasheet PDF - Texas Instruments
Part # DS320PR410
Download  DS320PR410 Download
File Size   2431.47 Kbytes
Page   32 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description DS320PR410 Four-Channel Linear Redriver for PCIe™ 5.0, CXL 2.0

DS320PR410 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS320PR410 Datasheet PDF - Texas Instruments

Part # DS320PR410
Download  DS320PR410 Click to download

File Size   2431.47 Kbytes
Page   32 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description DS320PR410 Four-Channel Linear Redriver for PCIe™ 5.0, CXL 2.0

DS320PR410 Datasheet (HTML) - Texas Instruments


DS320PR410 Product details

1 Features
• Four-channel linear redriver supporting PCIe™ 5.0,
CXL 2.0, UPI 2.0 up to 32 Gbps
• Supports most ac coupled interfaces including DP,
SAS, SATA, XFI
• CTLE boosts up to 22 dB at 16 GHz
• Ultra-low latency of 100 ps
• Low additive random jitter of 45 fs for PRBS data
• Excellent return loss of -10 dB at 16 GHz
• Single 3.3 V supply
• Internal voltage regulator provides immunity to
supply noise
• Low active power of 160 mW / channel
• No heat sink required
• Pin-strap, SMBus or EEPROM programming
• Automatic receiver detection for PCIe use cases
• Protocol agnostic linear redriver allows seamless
support for PCIe link training
• Support for x4, x8, x16, x24 bus width with one or
multiple DS320PR410
• Temperature range of –40 °C to 85 °C
• 4 mm × 6 mm, 40 pin WQFN package

2 Applications
• Rack server, microserver, and tower server
• High performance computing
• Hardware accelerator
• Network attached storage
• Storage area network (SAN) and host bus adapter
(HBA) card
• Network interface card (NIC)
• Desktop PC or motherboard
• Active cables

3 Description
The DS320PR410 is a four-channel low-power highperformance
linear repeater or redriver designed to
support PCIe 5.0, CXL 2.0, UPI 2.0, and other
interfaces up to 32 Gbps.
The DS320PR410 receivers deploy continuous time
linear equalizers (CTLE) to provide a programmable
high-frequency boost. The equalizer can open an
input eye that is completely closed due to intersymbol
interference (ISI) induced by an interconnect
medium, such as PCB traces. The CTLE receiver
is followed by a linear output driver. The linear datapaths
of DS320PR410 preserve transmit preset signal
characteristics. The linear redriver becomes part of
the passive channel that as a whole get link trained
for best transmit and receive equalization settings.
This transparency in the link training protocol results
in best electrical link and lowest possible latency.
Low channel-channel cross-talk, low additive jitter
and excellent return loss makes the device almost
a passive element in the link, but with its useful
equalization.




Similar Part No. - DS320PR410

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS320PR1601 TI-DS320PR1601 Datasheet
2Mb / 44P
DS320PR1601 32 Gbps 16 Lane PCIe® 5.0, CXL 2.0 Linear Redriver
JUNE 2023
DS320PR1601ZDGR TI-DS320PR1601ZDGR Datasheet
2Mb / 44P
DS320PR1601 32 Gbps 16 Lane PCIe® 5.0, CXL 2.0 Linear Redriver
JUNE 2023
DS320PR1601ZDGT TI-DS320PR1601ZDGT Datasheet
2Mb / 44P
DS320PR1601 32 Gbps 16 Lane PCIe® 5.0, CXL 2.0 Linear Redriver
JUNE 2023
DS320PR810 TI-DS320PR810 Datasheet
1Mb / 38P
DS320PR810 Eight-Channel Linear Redriver for PCIe 5.0, CXL 1.1
AUGUST 2022
DS320PR810NJXR TI-DS320PR810NJXR Datasheet
1Mb / 38P
DS320PR810 Eight-Channel Linear Redriver for PCIe 5.0, CXL 1.1
AUGUST 2022
More results


Similar Description - DS320PR410

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVPE501 TI1-SN65LVPE501 Datasheet
1Mb / 24P
Dual Channel x1 PCIe Redriver/Equalizer
logo
Pericom Semiconductor C...
PI3EQX5801 PERICOM-PI3EQX5801 Datasheet
749Kb / 1P
5.0Gbps, 1-Lane, PCIe 2.0 ReDriver
logo
Texas Instruments
DS160PR810 TI-DS160PR810 Datasheet
1Mb / 34P
DS160PR810 PCIe 4.0 16-Gbps 8-Channel Linear Redriver
DS160PR822 TI-DS160PR822 Datasheet
1Mb / 31P
DS160PR822 PCIe 4.0 16-Gbps 8-Channel Linear Redriver with Four 2x2 Crosspoint
DS160UP822 TI-DS160UP822 Datasheet
1Mb / 31P
DS160UP822 UPI 2.0 16-Gbps 8-Channel Linear Redriver with Four 2x2 Crosspoint
logo
Diodes Incorporated
PI3EQX32908 DIODES-PI3EQX32908 Datasheet
512Kb / 2P
Eight-Channel ReDriver Boosts Signal Quality of High-Speed PCIe 5.0, SAS4, and CXL Interfaces
logo
Texas Instruments
DS320PR810 TI-DS320PR810 Datasheet
1Mb / 38P
DS320PR810 Eight-Channel Linear Redriver for PCIe 5.0, CXL 1.1
AUGUST 2022
DS320PR822 TI-DS320PR822 Datasheet
1Mb / 38P
DS320PR822 Linear Redriver for PCIe 5.0, CXL 1.1 With Four 2x2 Crosspoint Mux
SEPTEMBER 2022
DS320PR1601 TI-DS320PR1601 Datasheet
2Mb / 44P
DS320PR1601 32 Gbps 16 Lane PCIe® 5.0, CXL 2.0 Linear Redriver
JUNE 2023
TDP2004 TI1-TDP2004 Datasheet
1Mb / 29P
TDP2004 Four-Channel 20Gbps DisplayPort 2.1 Linear Redriver
NOVEMBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com