Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS320PR1601 Datasheet (PDF) - Texas Instruments

DS320PR1601 Datasheet PDF - Texas Instruments
Part # DS320PR1601
Download  DS320PR1601 Download
File Size   2175.59 Kbytes
Page   44 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description DS320PR1601 32 Gbps 16 Lane PCIe® 5.0, CXL 2.0 Linear Redriver

DS320PR1601 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS320PR1601 Datasheet PDF - Texas Instruments

Part # DS320PR1601
Download  DS320PR1601 Click to download

File Size   2175.59 Kbytes
Page   44 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description DS320PR1601 32 Gbps 16 Lane PCIe® 5.0, CXL 2.0 Linear Redriver

DS320PR1601 Datasheet (HTML) - Texas Instruments


DS320PR1601 Product details

1 Features
• 16-lane linear redriver supporting PCIe® 5.0, CXL
2.0, CCIX , and UPI 2.0
• Supports data rates up to 32-Gbps
• Intel retimer common footprint compatible
• 64 integrated AC coupling capacitors on Tx pins
inside package saving board space
• CTLE boosts of 21 dB at 16 GHz
• Ultra-low latency of 130 ps
• Low additive random jitter of 50 fs for PRBS data
• Single 3.3 V supply
• Low active power of 164 mW/channel
• I2C/SMBus or EEPROM programming
• Automatic receiver detection for PCIe use cases
• Seamless support for PCIe link training
• Internal voltage regulator provides immunity to
supply noise
• Support for x4, x8, x16 bus width
• 8.90 mm × 22.80 mm BGA package

2 Applications
• Rack server, Microserver, and tower server
• High performance computing
• Hardware accelerator
• Network attached storage
• Storage area network (SAN) and host bus adapter
(HBA) card
• Network interface card (NIC)
• Desktop PC or motherboard

3 Description
The DS320PR1601 is a 32-channel (16-channel
in each direction) or x16 (16-lane) low-power highperformance
linear repeater or redriver designed
to support PCIe 5.0, CXL 2.0, UPI 2.0 and other
interfaces up to 32 Gbps.
The DS320PR1601 receivers deploy continuous time
linear equalizers (CTLE) to provide a programmable
high-frequency boost. The equalizer can open an
input eye that is completely closed due to intersymbol
interference (ISI) induced by an interconnect
medium, such as PCB traces. The CTLE receiver is
followed by a linear output driver. The linear datapaths
of DS320PR1601 preserves transmit preset signal
characteristics. The linear redriver becomes part of
the passive channel that as a whole get link trained
for best transmit and receive equalization settings.
This transparency in the link training protocol results
in best electrical link and lowest possible latency.
Low channel-channel cross-talk, low additive jitter
and excellent return loss makes the device almost a
passive element in the link, but with its equalization.




Similar Part No. - DS320PR1601

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS320PR410 TI-DS320PR410 Datasheet
2Mb / 32P
DS320PR410 Four-Channel Linear Redriver for PCIe™ 5.0, CXL 2.0
OCTOBER 2023
DS320PR410RNQR TI-DS320PR410RNQR Datasheet
2Mb / 32P
DS320PR410 Four-Channel Linear Redriver for PCIe™ 5.0, CXL 2.0
OCTOBER 2023
DS320PR410RNQT TI-DS320PR410RNQT Datasheet
2Mb / 32P
DS320PR410 Four-Channel Linear Redriver for PCIe™ 5.0, CXL 2.0
OCTOBER 2023
DS320PR810 TI-DS320PR810 Datasheet
1Mb / 38P
DS320PR810 Eight-Channel Linear Redriver for PCIe 5.0, CXL 1.1
AUGUST 2022
DS320PR810NJXR TI-DS320PR810NJXR Datasheet
1Mb / 38P
DS320PR810 Eight-Channel Linear Redriver for PCIe 5.0, CXL 1.1
AUGUST 2022
More results


Similar Description - DS320PR1601

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14950A MAXIM-MAX14950A Datasheet
8Mb / 20P
Single-Lane PCIe Equalizer/Redriver
Rev 1; 4/13
logo
Pericom Semiconductor C...
PI3EQX5801 PERICOM-PI3EQX5801 Datasheet
749Kb / 1P
5.0Gbps, 1-Lane, PCIe 2.0 ReDriver
logo
Texas Instruments
DS160PR810 TI-DS160PR810 Datasheet
1Mb / 34P
DS160PR810 PCIe 4.0 16-Gbps 8-Channel Linear Redriver
DS160PR822 TI-DS160PR822 Datasheet
1Mb / 31P
DS160PR822 PCIe 4.0 16-Gbps 8-Channel Linear Redriver with Four 2x2 Crosspoint
SN75LVPE5412 TI-SN75LVPE5412 Datasheet
2Mb / 34P
SN75LVPE5412 PCIe짰 5.0 32 Gbps 4-Channel Linear Redriver with 1:2 Demux
DECEMBER 2021
SN75LVPE5421 TI-SN75LVPE5421 Datasheet
2Mb / 34P
SN75LVPE5421 PCIe짰 5.0 32 Gbps 4-Channel Linear Redriver with 2:1 Mux
DECEMBER 2021
DS320PR810 TI-DS320PR810 Datasheet
1Mb / 38P
DS320PR810 Eight-Channel Linear Redriver for PCIe 5.0, CXL 1.1
AUGUST 2022
DS320PR822 TI-DS320PR822 Datasheet
1Mb / 38P
DS320PR822 Linear Redriver for PCIe 5.0, CXL 1.1 With Four 2x2 Crosspoint Mux
SEPTEMBER 2022
DS160PR1601 TI1-DS160PR1601 Datasheet
2Mb / 39P
DS160PR1601 16 Gbps 16 Lane Linear Redriver
FEBRUARY 2023
DS320PR410 TI-DS320PR410 Datasheet
2Mb / 32P
DS320PR410 Four-Channel Linear Redriver for PCIe™ 5.0, CXL 2.0
OCTOBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com