Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI2DPX2063 Datasheet (PDF) - Diodes Incorporated

PI2DPX2063 Datasheet PDF - Diodes Incorporated
Part # PI2DPX2063
Download  PI2DPX2063 Download
File Size   1724.53 Kbytes
Page   36 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 1.8V 20Gbps DP2.0 Linear ReDriver with AUX Listener & I2C Control

PI2DPX2063 Datasheet (PDF)

Go To PDF Page Download Datasheet
PI2DPX2063 Datasheet PDF - Diodes Incorporated

Part # PI2DPX2063
Download  PI2DPX2063 Click to download

File Size   1724.53 Kbytes
Page   36 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 1.8V 20Gbps DP2.0 Linear ReDriver with AUX Listener & I2C Control

PI2DPX2063 Datasheet (HTML) - Diodes Incorporated


PI2DPX2063 Product details

Features
- 4-to-4 Linear ReDriver™ Channel Configuration with CTLE Gain Compensation up to 16dB @20Gbps
- Supports 4-lane DP2.0 (UHBR20/UHBR13/UHBR10)/HDBR3/HBR2/RBR
- Ultra low Latency (< 300ps) for better Interoperability and Data throughput
- Individual Controls on CTLE Gain (6 to 16.2dB), Flat Gain (-4 to +2dB)
- Integrated AUX Channel Listener for D3 Power Saving Mode
- I2C Slave Support with Speed up to 1MHz
- Low Power - DisplayPort Active (<350mW), D3 Power Down Mode (1.8mW)
- Single Power Supply: 1.8V +/-5%
- Industrial Temperature Support: -40oC to +85oC
- Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
- Halogen and Antimony Free. “Green” Device (Note 3)
- For automotive applications requiring specific change control (i.e. parts qualified to AEC-Q100/101/104/200, PPAP capable, and manufactured in IATF 16949 certified facilities), please contact us or your local Diodes representative.
- Packaging (Pb-free & Green):
à Tiny 32-pin, WLGA, 2.85 x 4.5 mm (0.4 mm pitch) (FLA)

Applications
- Laptop, Desktop and AIO PCs
- Workstation and Server
- Docking Station
- Display Monitor
- Gaming Console
- Active Cable




Similar Part No. - PI2DPX2063

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI2DPX2063A DIODES-PI2DPX2063A Datasheet
435Kb / 1P
1.8V 20Gbps DP 2.1 Linear ReDriver with AUX Listener & I2C Control
Rev 3-2 June 2024
PI2DPX2063A DIODES-PI2DPX2063A Datasheet
326Kb / 2P
1.8V 13.5Gbps DP 2.1 UHBR13.5/eDP 1.5 Linear ReDriver with AUX Listener For High-Resolution Video Connectivity
January 2025
PI2DPX2063AFLAEX DIODES-PI2DPX2063AFLAEX Datasheet
435Kb / 1P
1.8V 20Gbps DP 2.1 Linear ReDriver with AUX Listener & I2C Control
Rev 3-2 June 2024
More results


Similar Description - PI2DPX2063

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65DP141 TI1-SN65DP141 Datasheet
920Kb / 32P
DisplayPort Linear Redriver
logo
Pericom Semiconductor C...
PI3EQXDP1201 PERICOM-PI3EQXDP1201 Datasheet
1Mb / 16P
3.3V, 4-Ch DisplayPort 1.2 Redriver with Aux Listener/AutoTest mode
PI2EQX510E PERICOM-PI2EQX510E Datasheet
610Kb / 1P
1.8V 5.0Gbps, 1-Channel, USB3.0 ReDriver
logo
Diodes Incorporated
PI3DPX1202A DIODES-PI3DPX1202A Datasheet
3Mb / 51P
Low power DisplayPort 1.2 Redriver with DDC/AUX CH Switch
Rev 2-1
logo
NXP Semiconductors
PTN3816 NXP-PTN3816 Datasheet
533Kb / 33P
DisplayPort 20Gbps 4-lane linear redriver
logo
Diodes Incorporated
PI3DPX1202A DIODES-PI3DPX1202A_V01 Datasheet
3Mb / 51P
Low power DisplayPort 1.2 Redriver with DDC/AUX CH Switch
February 2020
PI3EQX2024 DIODES-PI3EQX2024 Datasheet
607Kb / 2P
USB 3.2 Gen 2x2, 20Gbps, Linear ReDriver Boosts Signal Quality of Super-Speed USB Type-C Interfaces
PI2DPX2020 DIODES-PI2DPX2020 Datasheet
1Mb / 39P
1.8V 20Gbps USB4/TBT4/DP2.0 DP-Alt Linear ReDriver with AUX-SBU Switch
Rev 5 - 2 July 2022
PI2DPX2023 DIODES-PI2DPX2023 Datasheet
1Mb / 23P
1.8V 20Gbps DP2.0 Linear ReDriver with AUX Listener & Pin Strap control
Rev 4 - 2 July 2022
logo
Texas Instruments
TDP2004 TI1-TDP2004 Datasheet
1Mb / 29P
TDP2004 Four-Channel 20Gbps DisplayPort 2.1 Linear Redriver
NOVEMBER 2023
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com