Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI2DPX2063 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # PI2DPX2063
Description  1.8V 20Gbps DP2.0 Linear ReDriver with AUX Listener & I2C Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI2DPX2063 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button PI2DPX2063 Datasheet HTML 2Page - Diodes Incorporated PI2DPX2063 Datasheet HTML 3Page - Diodes Incorporated PI2DPX2063 Datasheet HTML 4Page - Diodes Incorporated PI2DPX2063 Datasheet HTML 5Page - Diodes Incorporated PI2DPX2063 Datasheet HTML 6Page - Diodes Incorporated PI2DPX2063 Datasheet HTML 7Page - Diodes Incorporated PI2DPX2063 Datasheet HTML 8Page - Diodes Incorporated PI2DPX2063 Datasheet HTML 9Page - Diodes Incorporated PI2DPX2063 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
A Product Line of
Diodes Incorporated
PI2DPX2063
6
July 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
PI2DPX2063
Document Number DS43839 Rev 2-2
www.diodes.com
Pin Description Cont.
Pin #
Pin Name
Type Description
21,
20
24,
23
OUT2P,
OUT2N
OUT1P,
OUT1N
O
Channel CML output terminals.
With selectable output termination between 50Ω to VDD, 6KΩ to internal Vbi-
asTx or Hi-Z
1,
2
10,
11
IN0P,
IN0N
IN3P,
IN3N
I
Channel CML input terminals.
With selectable input termination between 50Ω to internal VbiasRx, or 78KΩ to
internal VbiasRx.
4,
5
7,
8
IN1P,
IN1N
IN2P,
IN2N
I
Channel CML input terminals.
With selectable input termination between 50Ω to internal VbiasRx, or 78KΩ to
internal VbiasRx.
Side Band Signal Pins
29, 28
DNC
Do Not connect
31, 32
AUXP, AUXN
I/O
DisplayPort AUX CH differential signal connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com