Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI2DPX2063 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # PI2DPX2063
Description  1.8V 20Gbps DP2.0 Linear ReDriver with AUX Listener & I2C Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI2DPX2063 Datasheet(HTML) 5 Page - Diodes Incorporated

  PI2DPX2063 Datasheet HTML 1Page - Diodes Incorporated PI2DPX2063 Datasheet HTML 2Page - Diodes Incorporated PI2DPX2063 Datasheet HTML 3Page - Diodes Incorporated PI2DPX2063 Datasheet HTML 4Page - Diodes Incorporated PI2DPX2063 Datasheet HTML 5Page - Diodes Incorporated PI2DPX2063 Datasheet HTML 6Page - Diodes Incorporated PI2DPX2063 Datasheet HTML 7Page - Diodes Incorporated PI2DPX2063 Datasheet HTML 8Page - Diodes Incorporated PI2DPX2063 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
A Product Line of
Diodes Incorporated
PI2DPX2063
5
July 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
PI2DPX2063
Document Number DS43839 Rev 2-2
www.diodes.com
Pin #
Pin Name
Type Description
Power and GND
6, 14, 22, 30
VDD
Power 1.8V power supply, ±5%
3, 9, 19, 25, Center
Pad
GND
Ground Supply ground
Control Pins
12
SCL
I
SCL is I2C control bus clock. Open drain structure.
13
SDA
I/O
SDA is I2C control bus data. Open drain structure.
15
IN_HPD
I
Hot plug detection from Sink.
With I2C (IN_HPD_HIZ) selectable internal 300kΩ pull-down resistor.
IN_HPD_HIZ=’0’, 300kΩ pull-down. Otherwise, the pin is HiZ
16
ADDR
I
The I2C address select. 4-level input pin. With internal 100KΩ pull-up and
200KΩ pull-down resistors.
External Pulldown resistor value is 68KΩ.
High Speed I/O Pins
18,
17
27,
26
OUT3P,
OUT3N
OUT0P,
OUT0N
O
Channel CML output terminals.
With selectable output termination between 50Ω to VDD, 6kΩ to internal Vbi-
asTx or Hi-Z
IN0P
6
7
8
9
10
11
2
3
4
5
1
12
13
14
15
16
22
21
20
19
18
17
26
25
24
23
27
32
31
30
29
28
IN0N
VDD
IN1P
IN1N
GND
IN2P
IN2N
IN3P
IN3N
OUT0P
OUT0N
GND
OUT1P
OUT1N
VDD
OUT2P
OUT2N
GND
OUT3P
OUT3N
GND
GND
Pin Configuration (Top-Side View)
Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com