Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI2DPX2063 Datasheet(PDF) 17 Page - Diodes Incorporated

Part # PI2DPX2063
Description  1.8V 20Gbps DP2.0 Linear ReDriver with AUX Listener & I2C Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI2DPX2063 Datasheet(HTML) 17 Page - Diodes Incorporated

Back Button PI2DPX2063 Datasheet HTML 13Page - Diodes Incorporated PI2DPX2063 Datasheet HTML 14Page - Diodes Incorporated PI2DPX2063 Datasheet HTML 15Page - Diodes Incorporated PI2DPX2063 Datasheet HTML 16Page - Diodes Incorporated PI2DPX2063 Datasheet HTML 17Page - Diodes Incorporated PI2DPX2063 Datasheet HTML 18Page - Diodes Incorporated PI2DPX2063 Datasheet HTML 19Page - Diodes Incorporated PI2DPX2063 Datasheet HTML 20Page - Diodes Incorporated PI2DPX2063 Datasheet HTML 21Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
A Product Line of
Diodes Incorporated
PI2DPX2063
17
July 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
PI2DPX2063
Document Number DS43839 Rev 2-2
www.diodes.com
I2C Electrical Specification and Timing
Characteristics of the SDA and SCL I/O Stages
Symbol
Parameter
Conditions
This Silicon
Fast-Mode Plus
Units
Min.
Max.
Min.
Max.
VIL
LOW-level input voltage
−0.5
0.3VDD
−0.5
0.3VDD
V
VIH
HIGH-level input voltage
0.7VDD
0.7VDD
V
Vhys
Hysteresis of Schmitt trigger
inputs
0.05VDD
0.05VDD
V
VOL1
LOW-level output voltage 1
Open-drain or open-col-
lector at 3mA sink current;
VDD >2V
0
0.4
0
0.4
V
IOL
LOW-level output current
VOL =0.4V
20
20
mA
tof
output fall time from VIHmin
to VILmax
12
120
20×(VDD
/5.5V)
120
ns
tSP
Pulse width of spikes that
must be suppressed by the
input filter
0
50
0
50
ns
Ii
Input current each I/O pin
0.1VDD <VI < 0.9VDDmax
−10
+10
−10
+10
uA
Ci
Capacitance for each I/O pin
10
10
pF
Characteristics of the SDA and SCL Bus Lines the Devices
Symbol
Parameter
Conditions
This Silicon
Fast-Mode Plus
Units
Min.
Max.
Min.
Max.
fSCL
SCL clock frequency
10
1000
0
1000
kHz
tHD;STA
Hold time (repeated) START
condition
After this period, the first
clock pulse is generated.
0.26
0.26
us
tLOW
LOW period of the SCL clock
0.5
0.5
us
tHIGH
HIGH period of the SCL
clock
0.26
0.26
us
tSU;STA
Set-up time for a repeated
START condition
0.26
0.26
us
tSU;DAT
Data set-up time
50
50
ns
tr
Rise time of both SDA and
SCL signals
120
120
ns
tf
Fall time of both SDA and
SCL signals
12
120
20×(VDD
/5.5V)
120
ns
tSU;STO
Set-up time for STOP condi-
tion
0.26
0.26
us
tBUF
Bus free time between a
STOP and START condition
0.5
0.5
us



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com