Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI2DPX2063 Datasheet(PDF) 12 Page - Diodes Incorporated

Part # PI2DPX2063
Description  1.8V 20Gbps DP2.0 Linear ReDriver with AUX Listener & I2C Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI2DPX2063 Datasheet(HTML) 12 Page - Diodes Incorporated

Back Button PI2DPX2063 Datasheet HTML 8Page - Diodes Incorporated PI2DPX2063 Datasheet HTML 9Page - Diodes Incorporated PI2DPX2063 Datasheet HTML 10Page - Diodes Incorporated PI2DPX2063 Datasheet HTML 11Page - Diodes Incorporated PI2DPX2063 Datasheet HTML 12Page - Diodes Incorporated PI2DPX2063 Datasheet HTML 13Page - Diodes Incorporated PI2DPX2063 Datasheet HTML 14Page - Diodes Incorporated PI2DPX2063 Datasheet HTML 15Page - Diodes Incorporated PI2DPX2063 Datasheet HTML 16Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
A Product Line of
Diodes Incorporated
PI2DPX2063
12
July 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
PI2DPX2063
Document Number DS43839 Rev 2-2
www.diodes.com
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
GP_USB
Peaking gain (Compensation
at 10GHz, relative to 100MHz,
100mVp-p sine wave input)
EQ<2:0> = 000
EQ<2:0> = 001
EQ<2:0> = 010
EQ<2:0> = 011
EQ<2:0> = 100
EQ<2:0> = 101
EQ<2:0> = 110
EQ<2:0> = 111
6
8.5
10.8
12.7
14.2
15.2
15.8
16.2
dB
Variation around typical
-2
+2
dB
GF
Flat gain (100MHz, EQ<2:0>=000)
FG<1:0> = 00
FG<1:0> = 01
FG<1:0> = 10
FG<1:0> = 11
-4
-2
0
+2
dB
Variation around typical
-2
+2
dB
Vsw_100M
Output linear swing (at 100MHz) EQ<2:0>=000
910
mVppd
Vsw_10G
Output linear swing (at 10GHz)
EQ<2:0>=000
800
mVppd
DDNEXT
Differential near-end crosstalk
100MHz to 10GHz, Fig. 6
-30
dB
DDFEXT (2) Differential far-end crosstalk
100MHz to 10GHz, Fig. 7
-30
dB
VNOISE_IN Input-referred noise
100MHz to 10GHz,
EQ<2:0>=000, FG<1:0>=10,
Fig. 8
0.6
mVRMS
100MHz to 10GHz,
EQ<2:0>=111, FG<1:0>=10,
Fig. 8
0.3
VNOISE_OUT Output-referred noise
100MHz to 10GHz,
EQ<2:0>=000, FG<1:0>=10,
Fig. 8
0.3
mVRMS
100MHz to 10GHz,
EQ<2:0>=111, FG<1:0>=10,
Fig. 8
0.5
S11DM
Input differential mode return loss 10MHz to 10GHz differential
mode
-11.5
-8.1
dB
S11CM
Input common mode return loss
1GHz to 10GHz common
mode
-10
-5
dB
S22DM
Output differential mode return
loss
10MHz to 10GHz differential
mode
-12.5
-8.1
dB
S22CM
Output common mode return loss 1GHz to 10GHz common
mode
-8
-4
dB
AC/DC Characteristics Cont.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com