Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI2DPX2063 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # PI2DPX2063
Description  1.8V 20Gbps DP2.0 Linear ReDriver with AUX Listener & I2C Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI2DPX2063 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button PI2DPX2063 Datasheet HTML 6Page - Diodes Incorporated PI2DPX2063 Datasheet HTML 7Page - Diodes Incorporated PI2DPX2063 Datasheet HTML 8Page - Diodes Incorporated PI2DPX2063 Datasheet HTML 9Page - Diodes Incorporated PI2DPX2063 Datasheet HTML 10Page - Diodes Incorporated PI2DPX2063 Datasheet HTML 11Page - Diodes Incorporated PI2DPX2063 Datasheet HTML 12Page - Diodes Incorporated PI2DPX2063 Datasheet HTML 13Page - Diodes Incorporated PI2DPX2063 Datasheet HTML 14Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
A Product Line of
Diodes Incorporated
PI2DPX2063
10
July 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
PI2DPX2063
Document Number DS43839 Rev 2-2
www.diodes.com
(Above which useful life may be impaired. For user guidelines, not tested.)
Storage Temperature ..........................–65°C to +150°C
Junction Temperature ................................. +125°C
Supply Voltage to Ground Potential ......... –0.5V to VDD+0.3V
Voltage Input to High Speed Differential Pins ......–0.5V to VDD
Voltage Input to Low Speed Pins (SCL, SDA) ...... –0.5V to +3.3V
Voltage Input to Low Speed Pins (AUXP/N)....... –0.5V to +3.3V
ESD, HBM.......................................... ±4000V
ESD, CDM...........................................±1000V
Thermal Information
Symbol
Parameter
32-Pin X2QFN Package
Units
Theta JA
Junction to Ambient Thermal Resistance
49.7
°C/W
Recommended Operating Conditions
Symbol
Parameter
Min.
Typ.
Max.
Units
VDD
Supply Voltage
1.71
1.8
1.89
V
VDD_Noise
Power Supply Noise Up to 50MHz
50
mVpp
VRX_CM
Input Source Common-Mode Noise
150
mVpp
Cac_coupling
System AC Coupling Capacitance
75
265
nF
TA
Ambient Temperature
-40(1)
+85
oC
Note:
1. The minimum temperature -40oC guaranteed by design
Power Consumption
Symbol
Parameter
Min.
Typ.
Max.
Units
ION_4DP
4-lane DP2.0
160
220
mA
ID3
Display Port D3 power down mode
1
1.6
mA
IENB
Disabled mode ( EN= Low)
8
30
uA
AC/DC Characteristics
(VDD = 1.8 ± 5%, TA = -40°C to 85°C)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
VDD
Supply Voltage
—
1.71
1.8
1.89
V
Receiver (RX) (100 Ω differential) Electrical Specification
RRX-DIFF-DC DC Differential Input Impedance
72
120
Ω
Note:
Stresses greater than those listed under MAXIMUM
RATINGS may cause permanent damage to the device.
This is a stress rating only and functional operation of
the device at these or any other conditions above those
indicated in the operational sections of this specification
is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
Maximum Ratings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com